Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130154-0065 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130154-0065
Description  Super-Safeway Molded Y Cordset, 2 Pole/3 Wire SJOW Cordset, Cordset Length 0.91m
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130154-0065 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130154-0065 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130154-0065
Status:
Active
Overview:
Heavy-Duty Industrial Wiring Devices
Description:
Super-Safeway® Molded Y Cordset, 2 Pole/3 Wire SJOW Cordset, Cordset Length
0.91m (3.0'), NEMA L5-20, 125V, Inline GFCI
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Wiring Devices
Series
130154
IP Rating
N/A
NEMA Configuration
NEMA L5-20
Overview
Heavy-Duty Industrial Wiring Devices
Product Literature Order No
987650-8068
Product Name
Super-Safeway™
Receptacle Type
Duplex
Specialty
N/A
Type
Molded Y Cordset
UPC
78678839001
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
No
Gender
Male-Female
Length
0.91m (3.0')
Locking Blade
Yes
Poles
2-pole/3-wire
Electrical
Cord Type
12/3 SJOW
Current - Maximum per Contact
20.0A
GFCI
Yes-In-line
Lighted Connector
No
Voltage - Maximum
125V
Material Info
Old Part Number
2647-Y-IN
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130154Series
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130154-0065

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130154-0060 MOLEX11-130154-0060 Datasheet
57Kb / 1P
   Watertite Standard Molded Y Cordset, 2 Pole/3 Wire, Cordset Length 0.91m
130154-0061 MOLEX11-130154-0061 Datasheet
49Kb / 1P
   Watertite Inline GFCI Molded Y Cordset, 2 Pole/3 Wire, Cordset Length 0.91m
130154-0062 MOLEX11-130154-0062 Datasheet
40Kb / 1P
   Super-Safeway Standard Molded W Cordset, 2 Pole/3 Wire SOOW Cordset
130154-0063 MOLEX11-130154-0063 Datasheet
35Kb / 1P
   Super-Safeway Molded W Cordset, 2 Pole/3 Wire SJOW Cordset, Cordset Length 0.91m
130154-0064 MOLEX11-130154-0064 Datasheet
38Kb / 1P
   Super-Safeway Standard Molded Y Cordset, 2 Pole/3 Wire SOOW Cordset
More results

Similar Description - 130154-0065

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130154-0040 MOLEX11-130154-0040 Datasheet
33Kb / 1P
   Super-Safeway Inline GFCI Molded Y Cordset, 2 Pole/3 Wire SJOW Cordset, Cordset Length 0.91m
1301540065 MOLEX11-1301540065 Datasheet
32Kb / 1P
   Super-Safeway Molded Y Cordset, 2 Pole/3 Wire SJOW Cordset, Cordset Length
130154-0105 MOLEX11-130154-0105 Datasheet
30Kb / 1P
   Super-Safeway Molded W Cordset, 2 Pole/3 Wire SJOW Cordset, Cordset Length 0.91m
1301540071 MOLEX11-1301540071 Datasheet
31Kb / 1P
   Watertite Molded Y Cordset, 2 Pole/3 Wire SJOW Cordset, Cordset Length 0.91m
130154-0063 MOLEX11-130154-0063 Datasheet
35Kb / 1P
   Super-Safeway Molded W Cordset, 2 Pole/3 Wire SJOW Cordset, Cordset Length 0.91m
130154-0071 MOLEX11-130154-0071 Datasheet
31Kb / 1P
   Watertite Molded Y Cordset, 2 Pole/3 Wire SJOW Cordset, Cordset Length 0.91m
1301540034 MOLEX11-1301540034 Datasheet
49Kb / 1P
   Super-Safeway Standard Molded Y Cordset, 2 Pole/3 Wire SOOW Cordset, Cordset Length 0.91m
130154-0073 MOLEX11-130154-0073 Datasheet
39Kb / 1P
   Super-Safeway Standard Molded Y Cordset, 2 Pole/3 Wire SOOW Cordset, Cordset Length 0.91m
130154-0034 MOLEX11-130154-0034 Datasheet
57Kb / 1P
   Super-Safeway Standard Molded Y Cordset, 2 Pole/3 Wire SOOW Cordset, Cordset Length 0.91m
130154-0038 MOLEX11-130154-0038 Datasheet
32Kb / 1P
   Super-Safeway Standard Molded Y Cordset, 2 Pole/3 Wire SOOW Cordset, Cordset Length 0.91m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com