Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1681-15LM Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C1681-15LM
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1681-15LM Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C1681-15LM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1681-15LM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1681-15LM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1681-15LM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1681-15LM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1681-15LM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1681-15LM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1681-15LM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1681-15LM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
P4C1681, P4C1682
Page 4 of 10
Document # SRAM109 REV A
Notes:
5. WE is HIGH for READ cycle.
6. CE is LOW for READ cycle.
7. ADDRESS must be valid prior to, or coincident with, CE
transition LOW.
-12
-15
-20
-25
-35
Min Max Min Max Min Max Min
Max Min Max
t
RC
Read Cycle Time
12
15
20
25
35
ns
t
AA
Address Access
12
15
20
25
35
ns
Time
t
AC
Chip Enable
12
15
20
25
35
ns
Access Time
t
OH
Output Hold from
2
2
3
3
3
ns
Address Change
t
LZ
Chip Enable to
2
2
3
3
3
ns
Output in Low Z
t
HZ
Chip Disable to
6
7
9
10
15
ns
Output in High Z
t
RCS
ReadCommand
0
0
0
0
0
ns
Setup Time
t
RCH
ReadCommand
0
0
0
0
0
ns
Hold Time
t
PU
Chip Enable to
0
0
0
0
0
ns
Power Up Time
t
PD
Chip Disable to
12
15
20
25
25
ns
Power Down Time
READ CYCLE NO. 1 (ADDRESS controlled)(5, 6)
READ CYCLE NO. 2 (CE
CE
CE
CE
CE controlled)(5, 7)
8. Transition is measured ±200mV from steady state voltage prior to
change, with loading as specified in Figure 1.
9. Read Cycle Time is measured from the last valid address to the first
transitioning address.
Symbol
Parameter
Unit
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
1552 Tbl 10


Similar Part No. - P4C1681-15LM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16812DC ETC1-P4C16812DC Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16812DM ETC1-P4C16812DM Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16812DMB ETC1-P4C16812DMB Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16812JC ETC1-P4C16812JC Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results

Similar Description - P4C1681-15LM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com