Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1299-45PM Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C1299-45PM
Description  ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1299-45PM Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C1299-45PM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1299-45PM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1299-45PM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1299-45PM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1299-45PM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1299-45PM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1299-45PM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1299-45PM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1299-45PM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document # SRAM144 REV OR
Created Nov 2012
P4C1299/P4C1299L
ULTRA HIGH SPEED 64K x 4
STATIC CMOS RAM
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 15/20/25/35 ns (Commercial/Industrial)
– 15/20/25/35/45 ns (Military)
Low Power Operation
Single 5V±10% Power Supply
Output Enable (OE) & Chip Enable (CE
1 and CE2)
Control Functions
Data Retention with 2.0V Supply (P4C1299L)
Three-State Outputs
TTL/CMOS Compatible Outputs
Fully TTL Compatible Inputs
Standard Pinout (JEDEC Approved)
– 28-Pin 300 mil DIP, SOJ
– 28-Pin 350x550 mil LCC
FUnCTIOnAL BLOCk DIAgRAM
PIn COnFIgURATIOnS
DIP (P5, C5)
SOJ (J5)
LCC (L5)
DESCRIPTIOn
The P4C1299 and P4C1299L are a 262,144-bit ultra high-
speedstaticRAMorganizedas64Kx4.TheCMOSmemory
requires no clock or refreshing and has equal access and
cycle times. Inputs and outputs are fully TTL-compatible.
The RAM operates from a single 5V±10% tolerance power
supply.Withbatterybackup(P4C1299LOnly),dataintegrity
is maintained for supply voltages down to 2.0V. Current
drain is typically 10 µA from a 2.0V supply.
Access times as fast as 15 nanoseconds are available,
permitting greatly enhanced system speeds. CMOS is
utilized to reduce power consumption.
The P4C1299 and P4C1299L are available in a 28-pin
300 mil DIP or SOJ, as well as a 28-pin 350x550 mil LCC
package, providing excellent board level densities.


Similar Part No. - P4C1299-45PM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298-15CC PYRAMID-P4C1298-15CC Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298-15CI PYRAMID-P4C1298-15CI Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298-15CM PYRAMID-P4C1298-15CM Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298-15CMB PYRAMID-P4C1298-15CMB Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
More results

Similar Description - P4C1299-45PM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61C512 ICSI-IS61C512 Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com