Electronic Components Datasheet Search |
|
P4C1981L-12PI Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation |
|
P4C1981L-12PI Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation |
4 / 13 page P4C1981/1981L, P4C1982/1982L Page 4 of 13 Document # SRAM114 REV B Sym. Parameter Unit -10 -12 -15 -20 -25 -35 -45 Min Max Min Max Min Max Min Max Min Max Min Max Min Max t RC Read Cycle Time 10 12 15 20 25 35 45 ns t AA Address Access 10 12 15 20 25 35 45 ns Time t AC Chip Enable 10 12 15 20 25 35 45 ns Access Time t OH Output Hold from 2 2 2222 2 ns Address Change t LZ Chip Enable to 2 2 2222 2 ns Output in Low Z t HZ Chip Disable to 6 7 8 10 10 15 15 ns Output in High Z t OE Output Enable 6 7 8 12 15 21 27 ns Low to Data Valid t OLZ Output Enable to 2 2 2222 2 ns Output in Low Z t OHZ Output Disable to 6 7 9 9 10 14 15 ns Output in High Z t PU Chip Enable to 0 0 0000 0 ns Power Up Time t PD Chip Disable to 10 12 15 20 25 25 30 ns Power Down Time AC CHARACTERISTICS—READ CYCLE (V CC = 5V ± 10%, All Temperature Ranges) (2) READ CYCLE NO.1 (OE OE OE OE OE controlled)(5) Notes: 5. WE is HIGH for READ cycle. 6. CE 1, CE2 and OE are LOW for READ Cycle. 7. OE is LOW for the cycle. 8. ADDRESS must be valid prior to or coincident with, CE 1, and CE 2 transition LOW. 9. Transition is measured ±200mV from steady state voltage prior to change, with loading as specified in Figure 1. 10. Read Cycle Time is measured from the last valid address to the first transitioning address. |
Similar Part No. - P4C1981L-12PI |
|
Similar Description - P4C1981L-12PI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |