Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCV61 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BCV61
Description  NPN general-purpose double transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCV61 Datasheet(HTML) 1 Page - NXP Semiconductors

  BCV61_15 Datasheet HTML 1Page - NXP Semiconductors BCV61_15 Datasheet HTML 2Page - NXP Semiconductors BCV61_15 Datasheet HTML 3Page - NXP Semiconductors BCV61_15 Datasheet HTML 4Page - NXP Semiconductors BCV61_15 Datasheet HTML 5Page - NXP Semiconductors BCV61_15 Datasheet HTML 6Page - NXP Semiconductors BCV61_15 Datasheet HTML 7Page - NXP Semiconductors BCV61_15 Datasheet HTML 8Page - NXP Semiconductors BCV61_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
NPN general-purpose double transistors in a small SOT143B Surface-Mounted
Device (SMD) plastic package.
1.2 Features
Low current (max. 100 mA)
Low voltage (max. 30 V)
Matched pairs
1.3 Applications
Applications with working point independent of temperature
Current mirrors
2.
Pinning information
BCV61
NPN general-purpose double transistors
Rev. 04 — 18 December 2009
Product data sheet
Table 1.
Product overview
Type number
Package
PNP complement
NXP
JEITA
BCV61
SOT143B
-
BCV62
BCV61A
BCV62A
BCV61B
BCV62B
BCV61C
BCV62C
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
collector TR2;
base TR1 and TR2
2
collector TR1
3emitter TR1
4emitter TR2
2
1
3
4
006aaa842
12
4
TR2
TR1
3


Similar Part No. - BCV61_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCV61 INFINEON-BCV61_11 Datasheet
536Kb / 7P
   NPN Silicon Double Transistor
2011-10-13
More results

Similar Description - BCV61_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63_15 Datasheet
127Kb / 12P
   NPN general-purpose double transistors
Rev. 4-4 August 2010
logo
Nexperia B.V. All right...
BCV61 NEXPERIA-BCV61 Datasheet
2Mb / 13P
   NPN general-purpose double transistors
Rev. 04 - 18 December 2009
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63 Datasheet
46Kb / 8P
   NPN general purpose double transistors
1999 May 21
logo
Nexperia B.V. All right...
BCV63 NEXPERIA-BCV63 Datasheet
949Kb / 12P
   NPN general-purpose double transistors
Rev. 4 - 4 August 2010
logo
NXP Semiconductors
BCV63 NXP-BCV63_10 Datasheet
127Kb / 12P
   NPN general-purpose double transistors
Rev. 4-4 August 2010
PUMX2 PHILIPS-PUMX2 Datasheet
55Kb / 8P
   NPN/NPN general-purpose double transistors
Rev. 01-10 November 2005
PUMX2 NXP-PUMX2 Datasheet
103Kb / 8P
   NPN/NPN general-purpose double transistors
Rev. 02-17 November 2009
logo
Nexperia B.V. All right...
BC817DS NEXPERIA-BC817DS Datasheet
209Kb / 7P
   NPN/NPN general purpose double transistors
25 June 2019
PUMX2 NEXPERIA-PUMX2 Datasheet
218Kb / 9P
   NPN/NPN general-purpose double transistors
Rev. 02 - 17 November 2009
logo
NXP Semiconductors
PIMZ2 NXP-PIMZ2 Datasheet
106Kb / 9P
   NPN/PNP general-purpose double transistors
Rev. 06-17 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com