Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCV62 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BCV62
Description  PNP general-purpose double transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCV62 Datasheet(HTML) 5 Page - NXP Semiconductors

  BCV62 Datasheet HTML 1Page - NXP Semiconductors BCV62 Datasheet HTML 2Page - NXP Semiconductors BCV62 Datasheet HTML 3Page - NXP Semiconductors BCV62 Datasheet HTML 4Page - NXP Semiconductors BCV62 Datasheet HTML 5Page - NXP Semiconductors BCV62 Datasheet HTML 6Page - NXP Semiconductors BCV62 Datasheet HTML 7Page - NXP Semiconductors BCV62 Datasheet HTML 8Page - NXP Semiconductors BCV62 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BCV62
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 26 July 2010
5 of 14
NXP Semiconductors
BCV62
PNP general-purpose double transistors
VCE = −5V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
VCE = −5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 1.
BCV62A: DC current gain as a function of
collector current; typical values
Fig 2.
BCV62A: Base-emitter voltage as a function of
collector current; typical values
IC/IB =20
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
IC/IB =20
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 3.
BCV62A: Collector-emitter saturation voltage
as a function of collector current; typical
values
Fig 4.
BCV62A: Base-emitter saturation voltage as a
function of collector current; typical values
mgt711
0
200
300
400
500
hFE
100
−10−2
−10−1
−1
−10
−102
−103
IC (mA)
(1)
(2)
(3)
mgt712
0
−1200
−1000
−800
−600
−400
−200
−10−2
−10−1
−1
−10
−102
−103
IC (mA)
VBE
(mV)
(1)
(2)
(3)
mgt713
−104
−103
−102
−10
−10−1
−1
−10
−102
−103
IC (mA)
VCEsat
(mV)
(1)
(2)
(3)
mgt714
−10−1
−1
−10
−102
−103
IC (mA)
0
−1200
−1000
−800
−600
−400
−200
VBEsat
(mV)
(1)
(2)
(3)


Similar Part No. - BCV62

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV62 PHILIPS-BCV62 Datasheet
51Kb / 8P
   PNP general purpose double transistor
1999 Apr 08
logo
Siemens Semiconductor G...
BCV62 SIEMENS-BCV62 Datasheet
94Kb / 5P
   PNP Silicon Double Transistors (To be used as a current mirror Good thermal coupling and VBE matching)
logo
Infineon Technologies A...
BCV62 INFINEON-BCV62 Datasheet
49Kb / 5P
   PNP Silicon Double Transistor
Jul-11-2001Jul-11-2001
logo
Guangdong Kexin Industr...
BCV62 KEXIN-BCV62 Datasheet
104Kb / 3P
   PNP general purpose double transistor
logo
Nexperia B.V. All right...
BCV62 NEXPERIA-BCV62 Datasheet
801Kb / 14P
   PNP general-purpose double transistors
Rev. 4 - 26 July 2010
More results

Similar Description - BCV62

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC807DS NEXPERIA-BC807DS Datasheet
201Kb / 8P
   PNP/PNP general purpose double transistors
3 May 2019
BCV62 NEXPERIA-BCV62 Datasheet
801Kb / 14P
   PNP general-purpose double transistors
Rev. 4 - 26 July 2010
logo
NXP Semiconductors
PIMZ2 NXP-PIMZ2 Datasheet
106Kb / 9P
   NPN/PNP general-purpose double transistors
Rev. 06-17 November 2009
PIMZ2 PHILIPS-PIMZ2 Datasheet
53Kb / 9P
   NPN/PNP general-purpose double transistors
Rev. 05-24 November 2004
logo
Nexperia B.V. All right...
BC857RA NEXPERIA-BC857RA Datasheet
240Kb / 11P
   45 V, 100 mA PNP/PNP general-purpose double transistors
BC807RA NEXPERIA-BC807RA Datasheet
250Kb / 11P
   45 V, 500 mA PNP/PNP general-purpose double transistors
PEMT1 NEXPERIA-PEMT1 Datasheet
178Kb / 7P
   PNP/PNP general purpose double transistor
29 December 2022
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com