Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCV65 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BCV65
Description  NPN/PNP general-purpose transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCV65 Datasheet(HTML) 1 Page - NXP Semiconductors

  BCV65_15 Datasheet HTML 1Page - NXP Semiconductors BCV65_15 Datasheet HTML 2Page - NXP Semiconductors BCV65_15 Datasheet HTML 3Page - NXP Semiconductors BCV65_15 Datasheet HTML 4Page - NXP Semiconductors BCV65_15 Datasheet HTML 5Page - NXP Semiconductors BCV65_15 Datasheet HTML 6Page - NXP Semiconductors BCV65_15 Datasheet HTML 7Page - NXP Semiconductors BCV65_15 Datasheet HTML 8Page - NXP Semiconductors BCV65_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
NPN/PNP general-purpose transistor in a small SOT143B Surface-Mounted
Device (SMD) plastic package.
1.2 Features and benefits
Low current (max. 100 mA)
Low voltage (max. 30 V)
Matched pair
AEC-Q101 qualified
Small SMD plastic package
1.3 Applications
General-purpose switching and amplification
1.4 Quick reference data
2.
Pinning information
BCV65
NPN/PNP general-purpose transistor
Rev. 4 — 27 July 2010
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCEO
collector-emitter voltage
open base
-
-
30
V
IC
collector current
-
-
100
mA
hFE
DC current gain
VCE =5V; IC = 2 mA
75
-
800
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1, 3
collector
2
common base
4
common emitter
2
1
3
4
006aab229
1
2
3
4


Similar Part No. - BCV65_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV65 PHILIPS-BCV65 Datasheet
42Kb / 8P
   NPN/PNP general purpose transistor
1999 Apr 22
BCV65 NXP-BCV65 Datasheet
276Kb / 11P
   NPN/PNP general-purpose transistor
Rev. 4-27 July 2010
logo
Nexperia B.V. All right...
BCV65 NEXPERIA-BCV65 Datasheet
2Mb / 11P
   NPN/PNP general-purpose transistor
Rev. 4 - 27 July 2010
More results

Similar Description - BCV65_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817DPN PHILIPS-BC817DPN Datasheet
78Kb / 12P
   NPN/PNP general purpose transistor
2002 Nov 22
BC847BPN PHILIPS-BC847BPN Datasheet
47Kb / 8P
   NPN/PNP general purpose transistor
1999 Apr 26
BC847BVN-115 PHILIPS-BC847BVN-115 Datasheet
143Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
BCV65 NXP-BCV65 Datasheet
276Kb / 11P
   NPN/PNP general-purpose transistor
Rev. 4-27 July 2010
BC847BVN NXP-BC847BVN Datasheet
143Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
logo
Nexperia B.V. All right...
BC817DPN NEXPERIA-BC817DPN Datasheet
222Kb / 9P
   NPN/PNP general purpose transistor
27 November 2019
logo
NXP Semiconductors
BC847BVN PHILIPS-BC847BVN Datasheet
63Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
BC817DPN NXP-BC817DPN Datasheet
155Kb / 10P
   NPN/PNP general purpose transistor
2002 Nov 22
logo
Nexperia B.V. All right...
BCV65 NEXPERIA-BCV65 Datasheet
2Mb / 11P
   NPN/PNP general-purpose transistor
Rev. 4 - 27 July 2010
PEMZ1 NEXPERIA-PEMZ1 Datasheet
179Kb / 7P
   NPN/PNP general purpose transistor
29 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com