Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1077A Datasheet(PDF) 1 Page - ON Semiconductor

Part # ENA1077A
Description  RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1077A Datasheet(HTML) 1 Page - ON Semiconductor

  ENA1077A Datasheet HTML 1Page - ON Semiconductor ENA1077A Datasheet HTML 2Page - ON Semiconductor ENA1077A Datasheet HTML 3Page - ON Semiconductor ENA1077A Datasheet HTML 4Page - ON Semiconductor ENA1077A Datasheet HTML 5Page - ON Semiconductor ENA1077A Datasheet HTML 6Page - ON Semiconductor ENA1077A Datasheet HTML 7Page - ON Semiconductor ENA1077A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
82212 TKIM/51408AB TIIM TC-00001355 No. A1077-1/8
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
2SC5231A
RF Transistor
10V, 70mA, fT=7GHz, NPN Single SMCP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Low-noise
: NF=1.0dB typ (f=1GHz)
High gain
: ⏐S21e⏐
2=12dB typ (f=1GHz)
High cut-off frequency : fT=7GHz typ
Ultrasmall-sized package permitting applied sets to be made small and slim
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
10
V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
70
mA
Collector Dissipation
PC
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7027A-002
Ordering number : ENA1077A
3
2
1
Product & Package Information
• Package
: SMCP
• JEITA, JEDEC
: SC-75, SOT-416
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
1 : Base
2 : Emitter
3 : Collector
SMCP
1.6
0.3
0.1
0.2
0.5 0.5
12
3
2SC5231A-8-TL-E
2SC5231A-9-TL-E
TL
C


Similar Part No. - ENA1077A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1077A SANYO-ENA1077A Datasheet
532Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results

Similar Description - ENA1077A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
August, 2013
2SC5374A ONSEMI-2SC5374A Datasheet
528Kb / 8P
   RF Transistor 10V, 100mA, fT=5.2GHz, NPN Single SMCP
August, 2013
2SC5277A ONSEMI-2SC5277A Datasheet
518Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com