Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-FZ06NBA030SA-P914L33 Datasheet(PDF) 4 Page - Vincotech

Part # 10-FZ06NBA030SA-P914L33
Description  flowBOOST0
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ06NBA030SA-P914L33 Datasheet(HTML) 4 Page - Vincotech

  10-FZ06NBA030SA-P914L33 Datasheet HTML 1Page - Vincotech 10-FZ06NBA030SA-P914L33 Datasheet HTML 2Page - Vincotech 10-FZ06NBA030SA-P914L33 Datasheet HTML 3Page - Vincotech 10-FZ06NBA030SA-P914L33 Datasheet HTML 4Page - Vincotech 10-FZ06NBA030SA-P914L33 Datasheet HTML 5Page - Vincotech 10-FZ06NBA030SA-P914L33 Datasheet HTML 6Page - Vincotech 10-FZ06NBA030SA-P914L33 Datasheet HTML 7Page - Vincotech 10-FZ06NBA030SA-P914L33 Datasheet HTML 8Page - Vincotech 10-FZ06NBA030SA-P914L33 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
10-FZ06NBA030SA-P914L33
preliminary datasheet
Figure 1
BOOST IGBT
Figure 2
BOOST IGBT
Typical output characteristics
Typical output characteristics
ID = f(VDS)
ID = f(VDS)
At
At
tp =
250
μs
tp =
250
μs
Tj =
25
°C
Tj =
150
°C
VDS from
7 V to 17 V in steps of 1 V
VDS from
7 V to 17 V in steps of 1 V
Figure 3
BOOST IGBT
Figure 4
BOOST FWD
Typical transfer characteristics
Typical diode forward current as
ID = f(VDS)
a function of forward voltage
IF = f(VF)
At
At
tp =
250
μs
tp =
250
μs
VDS =
10
V
INPUT BOOST
0
15
30
45
60
75
90
00,511,5
22,533,5
V F (V)
Tj = 25°C
Tj = Tjmax-25°C
0
20
40
60
80
100
120
012
345
V CE (V)
0
20
40
60
80
100
120
01
23
45
V CE (V)
0
5
10
15
20
25
30
0246
8
10
12
V GS (V)
Tj = 25°C
Tj = Tjmax-25°C
4
Revision: 2
Copyright by Vincotech


Similar Part No. - 10-FZ06NBA030SA-P914L33

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ06NBA041FS01-P915L78 VINCOTECH-10-FZ06NBA041FS01-P915L78 Datasheet
320Kb / 3P
   DC Boost Application
10-FZ06NBA045FH-P915L VINCOTECH-10-FZ06NBA045FH-P915L Datasheet
2Mb / 18P
   flowBOOST0
10-FZ06NBA075SA-P916L33 VINCOTECH-10-FZ06NBA075SA-P916L33 Datasheet
2Mb / 17P
   flowBOOST0
10-FZ06NBA084FP-M306L48 VINCOTECH-10-FZ06NBA084FP-M306L48 Datasheet
1Mb / 14P
   ultrafast IGBT with C6 MOSFET and SiC buck diodes
More results

Similar Description - 10-FZ06NBA030SA-P914L33

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ06NBA045FH-P915L VINCOTECH-10-FZ06NBA045FH-P915L Datasheet
2Mb / 18P
   flowBOOST0
10-FZ06NBA075SA-P916L33 VINCOTECH-10-FZ06NBA075SA-P916L33 Datasheet
2Mb / 17P
   flowBOOST0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com