Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX17 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BCX17
Description  PNP general purpose transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCX17 Datasheet(HTML) 4 Page - NXP Semiconductors

  BCX17_15 Datasheet HTML 1Page - NXP Semiconductors BCX17_15 Datasheet HTML 2Page - NXP Semiconductors BCX17_15 Datasheet HTML 3Page - NXP Semiconductors BCX17_15 Datasheet HTML 4Page - NXP Semiconductors BCX17_15 Datasheet HTML 5Page - NXP Semiconductors BCX17_15 Datasheet HTML 6Page - NXP Semiconductors BCX17_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2004 Jan 16
4
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BCX17; BCX18
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1.
VBE decreases by approximately −2 mV/°C with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
MIN. TYP. MAX. UNIT
ICBO
collector cut-off current
IE = 0; VCB = −20 V
−100 nA
IE = 0; VCB = −20 V; Tj = 150 °C
−5
μA
IEBO
emitter cut-off current
IC = 0; VEB = −5 V
−100 nA
hFE
DC current gain
IC = −100 mA; VCE = −1 V
100
600
IC = −300 mA; VCE = −1 V
70
IC = −500 mA; VCE = −1 V
40
VCEsat
collector-emitter saturation voltage
IC = −500 mA; IB = −50 mA
−620 mV
VBE
base-emitter voltage
IC = −500 mA; VCE = −1 V; note 1
−1.2
V
Cc
collector capacitance
IE = Ie = 0; VCB = −10 V; f = 1 MHz
9
pF
fT
transition frequency
IC = −10 mA; VCE = −5 V; f = 100 MHz
80
MHz


Similar Part No. - BCX17_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BCX17 ROHM-BCX17_11 Datasheet
141Kb / 3P
   PNP small signal transistor
logo
Fairchild Semiconductor
BCX17 FAIRCHILD-BCX17_14 Datasheet
107Kb / 4P
   PNP General-Purpose Amplifier
More results

Similar Description - BCX17_15

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com