Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZ06BIA045FH01 Datasheet(PDF) 4 Page - Vincotech

Part # FZ06BIA045FH01
Description  Ultra fast switching frequency
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

FZ06BIA045FH01 Datasheet(HTML) 4 Page - Vincotech

  FZ06BIA045FH01 Datasheet HTML 1Page - Vincotech FZ06BIA045FH01 Datasheet HTML 2Page - Vincotech FZ06BIA045FH01 Datasheet HTML 3Page - Vincotech FZ06BIA045FH01 Datasheet HTML 4Page - Vincotech FZ06BIA045FH01 Datasheet HTML 5Page - Vincotech FZ06BIA045FH01 Datasheet HTML 6Page - Vincotech FZ06BIA045FH01 Datasheet HTML 7Page - Vincotech FZ06BIA045FH01 Datasheet HTML 8Page - Vincotech FZ06BIA045FH01 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
FZ06BIA045FH01
preliminary datasheet
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
0,7
1,01
1,3
Tj=125°C
0,93
Tj=25°C
0,86
Tj=125°C
0,75
Tj=25°C
0,1
Tj=125°C
0,1
Tj=25°C
0,05
Tj=125°C
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
1,68
K/W
Tj=25°C
0,04
Tj=125°C
0,09
Tj=25°C
2,1
3
3,9
Tj=125°C
Tj=25°C
200
Tj=125°C
Tj=25°C
25000
Tj=125°C
Tj=25°C
28
Tj=125°C
27
Tj=25°C
5
Tj=125°C
6
Tj=25°C
154
Tj=125°C
167
Tj=25°C
10
Tj=125°C
9
Tj=25°C
0,063
Tj=125°C
0,072
Tj=25°C
0,025
Tj=125°C
0,025
Tj=25°C
150
190
Tj=125°C
Tj=25°C
Tj=125°C
Tj=25°C
Tj=125°C
Tj=25°C
1
1,54
1,8
Tj=150°C
1,71
Tj=25°C
400
Tj=150°C
Tj=25°C
16,63
Tj=150°C
14,68
Tj=25°C
9,3
Tj=150°C
10,4
Tj=25°C
0,058
Tj=150°C
0,064
Tj=25°C
0,005
Tj=150°C
0,006
di(rec)max
Tj=25°C
4244
/dt
Tj=150°C
2752
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
2,34
K/W
15
8
Rgon=4
10
400
400
20
10
0
f=1MHz
Rgon=4
10
RDS(on)
tf
Fall time
Turn-off energy loss per pulse
Input capacitance
Eon
Qgs
Qgd
IRRM
Irm
Qrr
trr
VF
Erec
Turn off delay time
Forward voltage
Input Boost MOSFET
Reverse transfer capacitance
Gate to source charge
Turn-on energy loss per pulse
Output capacitance
Gate to drain charge
Total gate charge
Gate threshold voltage
Gate to Source Leakage Current
Rgoff=4
VGS=VDS
0
tr
td(ON)
Idss
Ir
Value
Conditions
Ciss
RthJH
Coss
Crss
Thermal resistance chip to heatsink per chip
0,76
Thermal grease
thickness
≤50um
λ = 1 W/mK
Characteristic Values
Forward voltage
Threshold voltage (for power loss calc. only)
Slope resistance (for power loss calc. only)
solar inverte
Vto
rt
Bypass FWD
15
V
V
mA
Reverse current
44
100
44
400
10
48
0
15
Tj=25°C
34
nA
Static drain to source ON resistance
400
600
Zero Gate Voltage Drain Current
td(OFF)
Turn On Delay Time
Rise Time
Rgon=4
Qg
Eoff
Reverse recovery time
Peak rate of fall of recovery current
Input Boost FWD
Reverse recovered energy
Reverse leakage current
Peak recovery current
Reverse recovery charge
10
15
1200
320
6800
51
nC
A
ns
V
mWs
μC
μA
mWs
A/
μs
ns
pF
Igss
nA
V
0,003
V(GS)th
K/W
4
Revision: 4


Similar Part No. - FZ06BIA045FH01

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06BIA045FH02 VINCOTECH-FZ06BIA045FH02 Datasheet
3Mb / 30P
   Low inductive design
More results

Similar Description - FZ06BIA045FH01

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06BIA070FS VINCOTECH-FZ06BIA070FS Datasheet
712Kb / 8P
   Ultra fast switching frequency
V23990-P629-L81-PM VINCOTECH-V23990-P629-L81-PM Datasheet
1Mb / 17P
   Ultra fast switching frequency
FZ06BIA083FI VINCOTECH-FZ06BIA083FI Datasheet
3Mb / 25P
   Ultra fast switching frequency
V23990-P623-L82-PM VINCOTECH-V23990-P623-L82-PM Datasheet
2Mb / 19P
   Ultra fast switching frequency
V23990-P629-L83-PM VINCOTECH-V23990-P629-L83-PM Datasheet
357Kb / 7P
   Ultra fast switching frequency
FZ06BIA099FS VINCOTECH-FZ06BIA099FS Datasheet
713Kb / 8P
   Ultra fast switching frequency
V23990-P629-L59-PM VINCOTECH-V23990-P629-L59-PM Datasheet
2Mb / 19P
   Ultra fast switching frequency
V23990-P629-L48-PM VINCOTECH-V23990-P629-L48-PM Datasheet
1Mb / 20P
   Ultra fast switching frequency
logo
Littelfuse
DUR75120W LITTELFUSE-DUR75120W Datasheet
600Kb / 3P
   Ultra-fast switching
logo
Sangdest Microelectroni...
SDURF30100CT SMC-SDURF30100CT Datasheet
171Kb / 4P
   Ultra-Fast Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com