Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZ06BIA045FH02 Datasheet(PDF) 6 Page - Vincotech

Part # FZ06BIA045FH02
Description  Low inductive design
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

FZ06BIA045FH02 Datasheet(HTML) 6 Page - Vincotech

Back Button FZ06BIA045FH02 Datasheet HTML 2Page - Vincotech FZ06BIA045FH02 Datasheet HTML 3Page - Vincotech FZ06BIA045FH02 Datasheet HTML 4Page - Vincotech FZ06BIA045FH02 Datasheet HTML 5Page - Vincotech FZ06BIA045FH02 Datasheet HTML 6Page - Vincotech FZ06BIA045FH02 Datasheet HTML 7Page - Vincotech FZ06BIA045FH02 Datasheet HTML 8Page - Vincotech FZ06BIA045FH02 Datasheet HTML 9Page - Vincotech FZ06BIA045FH02 Datasheet HTML 10Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
FZ06BIA045FH02
preliminary datasheet
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Value
Conditions
Characteristic Values
Tj=25°C
5
5,8
6,5
Tj=125°C
Tj=25°C
1,18
Tj=125°C
1,21
Tj=25°C
0,03
Tj=125°C
Tj=25°C
650
Tj=125°C
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
1,1
K/W
Note: For the Boost IGBT only LF switching allowed
Tj=25°C
1,68
Tj=125°C
1,63
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
2,949
K/W
R25
Tj=25°C
17,5
22
29,0
k
R100
Tol. ±5%
1486
* see details on Thermistor charts on Figure 2.
pF
V
4000
93
Tj=25°C
Boost IGBT
Gate-emitter leakage current
Boost Inverse Diode
Gate charge
Collector-emitter saturation voltage
Collector-emitter cut-off incl diode
Integrated Gate resistor
Gate emitter threshold voltage
Rgint
Diode forward voltage
VF
Reverse transfer capacitance
0
Coss
Cies
QGate
Input capacitance
Output capacitance
Crss
480
IGES
K
0
15
nC
50
Tj=25°C
P
mW
210
Rated resistance*
B-value
B(25/100)
Tol. ±3%
Power dissipation
ICES
VCE(sat)
VCE=VGE
VGE(th)
15
0
mA
nA
V
V
Thermistor
f=1MHz
50
0,0008
20
10
25
600
Tj=25°C
Tj=25°C
200
3140
310
none
6
Revision: 3
Copyright by Vincotech


Similar Part No. - FZ06BIA045FH02

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06BIA045FH01 VINCOTECH-FZ06BIA045FH01 Datasheet
2Mb / 29P
   Ultra fast switching frequency
More results

Similar Description - FZ06BIA045FH02

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P624-F24-P2-14 VINCOTECH-V23990-P624-F24-P2-14 Datasheet
1Mb / 14P
   Low inductive design
logo
Semikron International
SK50DGDL066ETE2 SEMIKRON-SK50DGDL066ETE2 Datasheet
355Kb / 6P
   Low inductive design
logo
Vincotech
30-P2126PA050SC-L287F09Y VINCOTECH-30-P2126PA050SC-L287F09Y Datasheet
1Mb / 16P
   Compact and low inductive design
30-F212PMA100M701-L880A70 VINCOTECH-30-F212PMA100M701-L880A70 Datasheet
2Mb / 35P
   Compact and low inductive design
30-P2126PA100SC-L289F09Y VINCOTECH-30-P2126PA100SC-L289F09Y Datasheet
1Mb / 16P
   Compact and low inductive design
10-FY12B2A040MR-L387L68 VINCOTECH-10-FY12B2A040MR-L387L68 Datasheet
1Mb / 18P
   Compact and low inductive design
30-P2126PA100NB-L289F69Y VINCOTECH-30-P2126PA100NB-L289F69Y Datasheet
1Mb / 16P
   Compact and low inductive design
30-P2126PA150SC-L280F09Y VINCOTECH-30-P2126PA150SC-L280F09Y Datasheet
1Mb / 17P
   Compact and low inductive design
30-P2126PA075NB-L288F69Y VINCOTECH-30-P2126PA075NB-L288F69Y Datasheet
1Mb / 17P
   Compact and low inductive design
30-P2126PA050NB-L287F69Y VINCOTECH-30-P2126PA050NB-L287F69Y Datasheet
926Kb / 16P
   Compact and low inductive design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com