Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH4213PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFH4213PBF
Description  Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH4213PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFH4213PBF Datasheet HTML 1Page - International Rectifier IRFH4213PBF Datasheet HTML 2Page - International Rectifier IRFH4213PBF Datasheet HTML 3Page - International Rectifier IRFH4213PBF Datasheet HTML 4Page - International Rectifier IRFH4213PBF Datasheet HTML 5Page - International Rectifier IRFH4213PBF Datasheet HTML 6Page - International Rectifier IRFH4213PBF Datasheet HTML 7Page - International Rectifier IRFH4213PBF Datasheet HTML 8Page - International Rectifier IRFH4213PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Base part number  
Package Type  
Standard Pack
Form
Quantity
IRFH4213PbF
PQFN 5mm x 6 mm
Tape and Reel
4000
IRFH4213TRPbF
Orderable Part Number
VDSS
25
V
RDS(on) max
(@ VGS = 10V)
1.35
(@ VGS = 4.5V)
1.90
Qg (typical)
26
nC
ID
(@TC (Bottom) = 25°C)
204
A
m

 
 
PQFN 5X6 mm
Features
Benefits
Low RDSon (<1.35m)
Lower Conduction Losses
Low Thermal Resistance to PCB (<1.4°C/W)
Enable better thermal dissipation
Low Profile (<0.9 mm)
results in Increased Power Density
Industry-Standard Pinout

Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
Notes  through  are on page 9
Absolute Maximum Ratings
  
Parameter
Max.
Units
VGS
Gate-to-Source Voltage
± 20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
41
A
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
204
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
129
IDM
Pulsed Drain Current 
400
PD @TA = 25°C
Power Dissipation 
3.6
W
PD @TC(Bottom) = 25°C
Power Dissipation 
89
Linear Derating Factor 
0.029
W/°C
TJ
Operating Junction and
-55 to + 150
°C
TSTG
Storage Temperature Range
Applications

Synchronous Rectifier MOSFET for Synchronous Buck Converters

Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters

Active ORing and Hot Swap

Battery Operated DC Motor Inverters
FastIRFET™
IRFH4213PbF
1
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
March 11, 2015


Similar Part No. - IRFH4213PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH4213PBF IRF-IRFH4213PBF Datasheet
356Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
More results

Similar Description - IRFH4213PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH4213PBF IRF-IRFH4213PBF Datasheet
356Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF Datasheet
253Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF_15 Datasheet
506Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4226PBF IRF-IRFH4226PBF_15 Datasheet
501Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4210PBF IRF-IRFH4210PBF Datasheet
369Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRF7351TRPBF IRF-IRF7351TRPBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
IRF7351PBF IRF-IRF7351PBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
logo
Texas Instruments
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925_14 Datasheet
1Mb / 26P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com