Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA128B3 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATXMEGA128B3
Description  Microcontroller
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128B3 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATXMEGA128B3 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 9Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 10Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 11Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 12Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 137 page
background image
9
8074B–AVR–02/12
XMEGA B3
The arithmetic logic unit (ALU) supports arithmetic and logic operations between registers or
between a constant and a register. Single-register operations can also be executed in the ALU.
After an arithmetic operation, the status register is updated to reflect information about the result
of the operation.
The ALU is directly connected to the fast-access register file. The 32 x 8-bit general purpose
working registers all have single clock cycle access time allowing single-cycle arithmetic logic
unit (ALU) operation between registers or between a register and an immediate. Six of the 32
registers can be used as three 16-bit address pointers for program and data space addressing,
enabling efficient address calculations.
The memory spaces are linear. The data memory space and the program memory space are
two different memory spaces.
The data memory space is divided into I/O registers and SRAM. In addition, the EEPROM can
be memory mapped in the data memory.
All I/O status and control registers reside in the lowest 4KB addresses of the data memory. This
is referred to as the I/O memory space. The lowest 64 addresses can be accessed directly, or as
the data space locations from 0x00 to 0x3F. The rest is the extended I/O memory space, ranging
from 0x0040 to 0x0FFF. I/O registers here must be accessed as data space locations using load
(LD/LDS/LDD) and store (ST/STS/STD) instructions.
The SRAM holds data. Code execution from SRAM is not supported. It can easily be accessed
through the five different addressing modes supported in the AVR architecture. The first SRAM
address is 0x2000.
Data addresses 0x1000 to 0x1FFF are reserved for memory mapping of EEPROM.
The program memory is divided in two sections, the application program section and the boot
program section. Both sections have dedicated lock bits for write and read/write protection. The
SPM instruction that is used for self-programming of the application flash memory must reside in
the boot program section. The application section contains an application table section with sep-
arate lock bits for write and read/write protection. The application table section can be used for
save storing of nonvolatile data in the program memory.
6.4
ALU - Arithmetic Logic Unit
The arithmetic logic unit (ALU) supports arithmetic and logic operations between registers or
between a constant and a register. Single-register operations can also be executed. The ALU
operates in direct connection with all 32 general purpose registers. In a single clock cycle, arith-
metic operations between general purpose registers or between a register and an immediate are
executed and the result is stored in the register file. After an arithmetic or logic operation, the
status register is updated to reflect information about the result of the operation.
ALU operations are divided into three main categories – arithmetic, logical, and bit functions.
Both 8- and 16-bit arithmetic is supported, and the instruction set allows for efficient implementa-
tion of 32-bit aritmetic. The hardware multiplier supports signed and unsigned multiplication and
fractional format.


Similar Part No. - ATXMEGA128B3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128B1 ATMEL-ATXMEGA128B1 Datasheet
6Mb / 138P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
More results

Similar Description - ATXMEGA128B3

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com