Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA128D4 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATXMEGA128D4
Description  Microcontroller
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D4 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATXMEGA128D4_12 Datasheet HTML 1Page - ATMEL Corporation ATXMEGA128D4_12 Datasheet HTML 2Page - ATMEL Corporation ATXMEGA128D4_12 Datasheet HTML 3Page - ATMEL Corporation ATXMEGA128D4_12 Datasheet HTML 4Page - ATMEL Corporation ATXMEGA128D4_12 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA128D4_12 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA128D4_12 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA128D4_12 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA128D4_12 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 136 page
background image
5
8135L–AVR–06/12
XMEGA D4
3.
Overview
The Atmel AVR XMEGA is a family of low power, high performance, and peripheral rich 8/16-bit
microcontrollers based on the AVR enhanced RISC architecture. By executing instructions in a
single clock cycle, the AVR XMEGA devices achieve CPU throughput approaching one million
instructions per second (MIPS) per megahertz, allowing the system designer to optimize power
consumption versus processing speed.
The AVR CPU combines a rich instruction set with 32 general purpose working registers. All 32
registers are directly connected to the arithmetic logic unit (ALU), allowing two independent reg-
isters to be accessed in a single instruction, executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs many times faster than conven-
tional single-accumulator or CISC based microcontrollers.
The AVR XMEGA D4 devices provide the following features: in-system programmable flash with
read-while-write capabilities; internal EEPROM and SRAM; four-channel event system and pro-
grammable multilevel interrupt controller; 34 general purpose I/O lines; 16-bit real-time counter
(RTC); four flexible, 16-bit timer/counters with compare and PWM channels; two USARTs; two
two-wire serial interfaces (TWIs); two serial peripheral interfaces (SPIs); one twelve-channel, 12-
bit ADC with programmable gain; two analog comparators (ACs) with window mode; program-
mable watchdog timer with separate internal oscillator; accurate internal oscillators with PLL and
prescaler; and programmable brown-out detection.
The program and debug interface (PDI), a fast two-pin interface for programming and debug-
ging, is available.
The XMEGA D4 devices have five software selectable power saving modes. The idle mode
stops the CPU while allowing the SRAM, event system, interrupt controller, and all peripherals to
continue functioning. The power-down mode saves the SRAM and register contents, but stops
the oscillators, disabling all other functions until the next TWI, or pin-change interrupt, or reset.
In power-save mode, the asynchronous real-time counter continues to run, allowing the applica-
tion to maintain a timer base while the rest of the device is sleeping. In standby mode, the
external crystal oscillator keeps running while the rest of the device is sleeping. This allows very
fast startup from the external crystal, combined with low power consumption. In extended
standby mode, both the main oscillator and the asynchronous timer continue to run. To further
reduce power consumption, the peripheral clock to each individual peripheral can optionally be
stopped in active mode and idle sleep mode.
Atmel offers a free QTouch library for embedding capacitive touch buttons, sliders and wheels
functionality into AVR microcontrollers.
The devices are manufactured using Atmel high-density, nonvolatile memory technology. The
program flash memory can be reprogrammed in-system through the PDI. A boot loader running
in the device can use any interface to download the application program to the flash memory.
The boot loader software in the boot flash section will continue to run while the application flash
section is updated, providing true read-while-write operation. By combining an 8/16-bit RISC
CPU with in-system, self-programmable flash, the AVR XMEGA is a powerful microcontroller
family that provides a highly flexible and cost effective solution for many embedded applications.
All Atmel AVR XMEGA devices are supported with a full suite of program and system develop-
ment tools, including: C compilers, macro assemblers, program debugger/simulators,
programmers, and evaluation kits.


Similar Part No. - ATXMEGA128D4_12

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128D4_1012 ATMEL-ATXMEGA128D4_1012 Datasheet
3Mb / 105P
   8/16-bit XMEGA D4 Microcontroller
More results

Similar Description - ATXMEGA128D4_12

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com