Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUJ302AX Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUJ302AX
Description  NPN power transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ302AX Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUJ302AX_15 Datasheet HTML 2Page - NXP Semiconductors BUJ302AX_15 Datasheet HTML 3Page - NXP Semiconductors BUJ302AX_15 Datasheet HTML 4Page - NXP Semiconductors BUJ302AX_15 Datasheet HTML 5Page - NXP Semiconductors BUJ302AX_15 Datasheet HTML 6Page - NXP Semiconductors BUJ302AX_15 Datasheet HTML 7Page - NXP Semiconductors BUJ302AX_15 Datasheet HTML 8Page - NXP Semiconductors BUJ302AX_15 Datasheet HTML 9Page - NXP Semiconductors BUJ302AX_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BUJ302AX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 02 — 28 March 2011
6 of 13
NXP Semiconductors
BUJ302AX
NPN power transistor
7.
Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
ICES
collector-emitter cut-off
current
VBE =0V; VCE = 1050 V; Tj =25°C
-
0.2
10
µA
ICEO
collector-emitter cut-off
current
VCE =400 V; IB =0A; Th = 25 °C
-
10
250
µA
V(BR)EBO
open-collector emitter-base
breakdown voltage
IB =1mA; IC =0A; Th = 25 °C
1519-
V
VCEOsus
collector-emitter sustaining
voltage
IB =0A; IC =10mA; LC =25mH;
Th = 25 °C; see Figure 6; see Figure 7
400
470
-
V
VCEsat
collector-emitter saturation
voltage
IC =1A; IB = 0.2 A; Th =25 °C;
see Figure 8; see Figure 9
-
0.15
0.5
V
IC =3.5 A; IB =1 A; Th =25 °C;
see Figure 8; see Figure 9
-0.6
1.5
V
VBEsat
base-emitter saturation
voltage
IC =3.5 A; IB =1 A; Th =25 °C;
see Figure 10
-1.1
1.5
V
hFE
DC current gain
IC =0.1 A; VCE =5V; Th =25°C;
see Figure 11
48
66
100
IC =0.8 A; VCE =3V; Th =25°C;
see Figure 12
25
42
50
Dynamic characteristics
ts
storage time
IC =2.5 A; IBon = 0.5 A; IBoff =-0.5A;
RL =60 Ω; VBB =-5V; Th =25°C;
resistive load; tp = 300 µs;
see Figure 13; see Figure 14
--3.5
µs
tf
fall time
-
-
500
ns
Fig 6.
Test circuit for collector-emitter sustaining
voltage
Fig 7.
Oscilloscope display for collector-emitter
sustaining voltage test waveform
001aab987
horizontal
1
Ω
300
Ω
6 V
vertical
oscilloscope
50 V
100
Ω to 200 Ω
30 Hz to 60 Hz
001aab988
VCE (V)
min
VCEOsus
IC
(mA)
10
100
250
0


Similar Part No. - BUJ302AX_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUJ302AX PHILIPS-BUJ302AX Datasheet
21Kb / 4P
   Silicon Diffused Power Transistor
August 1998 Rev 1.000
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
   NPN power transistor
More results

Similar Description - BUJ302AX_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
   NPN power transistor
1999 Apr 12
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
   NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
   NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
   POWER NPN TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
   NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
   NPN POWER TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
   NPN power transistor
PHE13003C WEEN-PHE13003C Datasheet
270Kb / 11P
   NPN power transistor
TB100 WEEN-TB100 Datasheet
254Kb / 10P
   NPN power transistor
logo
Unisonic Technologies
2SD1782 UTC-2SD1782 Datasheet
90Kb / 3P
   POWER NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com