Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH5015PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFH5015PBF
Description  Primary Side Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5015PBF Datasheet(HTML) 6 Page - International Rectifier

  IRFH5015PBF Datasheet HTML 1Page - International Rectifier IRFH5015PBF Datasheet HTML 2Page - International Rectifier IRFH5015PBF Datasheet HTML 3Page - International Rectifier IRFH5015PBF Datasheet HTML 4Page - International Rectifier IRFH5015PBF Datasheet HTML 5Page - International Rectifier IRFH5015PBF Datasheet HTML 6Page - International Rectifier IRFH5015PBF Datasheet HTML 7Page - International Rectifier IRFH5015PBF Datasheet HTML 8Page - International Rectifier IRFH5015PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRFH5015PbF
6
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 19, 2015
Fig 15.
Peak Diode Recovery dv/dt Test Circuit for N-Channel
HEXFET® Power MOSFETs
Fig 18a. Gate Charge Test Circuit
Fig 18b. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 16b. Unclamped Inductive Waveforms
Fig 16a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
Fig 17a. Switching Time Test Circuit
Fig 17b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
VDS
Pulse Width ≤ 1 µs
Duty Factor≤ 0.1
RD
VGS
RG
D.U.T.
10V
+
-VDD
VGS
CircuitLayoutConsiderations
• Low Stray Inductance
• Ground Plane
• LowLeakageInductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

1K
VCC
DUT
0
L
s$$Ã


Similar Part No. - IRFH5015PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5015PBF IRF-IRFH5015PBF Datasheet
225Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRFH5015PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5215PBF IRF-IRFH5215PBF_15 Datasheet
241Kb / 9P
   Primary Side Synchronous Rectification
IRFH5215TRPBF IRF-IRFH5215TRPBF Datasheet
260Kb / 8P
   Primary Side Synchronous Rectification
IRFH5215PBF IRF-IRFH5215PBF Datasheet
260Kb / 8P
   Primary Side Synchronous Rectification
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com