Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH5020PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFH5020PBF
Description  Secondary Side Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5020PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFH5020PBF Datasheet HTML 1Page - International Rectifier IRFH5020PBF Datasheet HTML 2Page - International Rectifier IRFH5020PBF Datasheet HTML 3Page - International Rectifier IRFH5020PBF Datasheet HTML 4Page - International Rectifier IRFH5020PBF Datasheet HTML 5Page - International Rectifier IRFH5020PBF Datasheet HTML 6Page - International Rectifier IRFH5020PBF Datasheet HTML 7Page - International Rectifier IRFH5020PBF Datasheet HTML 8Page - International Rectifier IRFH5020PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 19, 2015
IRFH5020PbF
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case (Top)
Fig 8. Maximum Safe Operating Area
Fig 9. Maximum Drain Current Vs.
Case (Top) Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 10. Threshold Voltage Vs. Temperature
0.2
0.4
0.6
0.8
1.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VGS = 0V
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
2
4
6
8
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
2.0
3.0
4.0
5.0
6.0
ID = 1.0A
ID = 1.0mA
ID = 500μA
ID = 150μA
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100μsec


Similar Part No. - IRFH5020PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF Datasheet
349Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRFH5020PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5204PBF IRF-IRFH5204PBF_15 Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com