Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH5215PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFH5215PBF
Description  Primary Side Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5215PBF Datasheet(HTML) 6 Page - International Rectifier

  IRFH5215PBF Datasheet HTML 1Page - International Rectifier IRFH5215PBF Datasheet HTML 2Page - International Rectifier IRFH5215PBF Datasheet HTML 3Page - International Rectifier IRFH5215PBF Datasheet HTML 4Page - International Rectifier IRFH5215PBF Datasheet HTML 5Page - International Rectifier IRFH5215PBF Datasheet HTML 6Page - International Rectifier IRFH5215PBF Datasheet HTML 7Page - International Rectifier IRFH5215PBF Datasheet HTML 8Page - International Rectifier IRFH5215PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRFH5215PbF
6
www.irf.com© 2015 International Rectifier
Submit Datasheet Feedback
March 16, 2015
Fig 16.
Peak Diode Recovery dv/dt Test Circuit for N-Channel
HEXFET® Power MOSFETs
Fig 17. Gate Charge Test Circuit
Fig 18. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

1K
VCC
DUT
0
L
S


Similar Part No. - IRFH5215PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5215PBF IRF-IRFH5215PBF Datasheet
260Kb / 8P
   Primary Side Synchronous Rectification
More results

Similar Description - IRFH5215PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5015PBF IRF-IRFH5015PBF_15 Datasheet
278Kb / 9P
   Primary Side Synchronous Rectification
IRFH5215TRPBF IRF-IRFH5215TRPBF Datasheet
260Kb / 8P
   Primary Side Synchronous Rectification
IRFH5215PBF IRF-IRFH5215PBF Datasheet
260Kb / 8P
   Primary Side Synchronous Rectification
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com