Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH5300PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFH5300PBF
Description  Battery Operated DC Motor Inverter MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5300PBF Datasheet(HTML) 6 Page - International Rectifier

  IRFH5300PBF Datasheet HTML 1Page - International Rectifier IRFH5300PBF Datasheet HTML 2Page - International Rectifier IRFH5300PBF Datasheet HTML 3Page - International Rectifier IRFH5300PBF Datasheet HTML 4Page - International Rectifier IRFH5300PBF Datasheet HTML 5Page - International Rectifier IRFH5300PBF Datasheet HTML 6Page - International Rectifier IRFH5300PBF Datasheet HTML 7Page - International Rectifier IRFH5300PBF Datasheet HTML 8Page - International Rectifier IRFH5300PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 19, 2015
IRFH5300PbF
Fig 16.
Peak Diode Recovery dv/dt Test Circuit for N-Channel
HEXFET® Power MOSFETs
Fig 17. Gate Charge Test Circuit
Fig 18. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

1K
VCC
DUT
0
L
S


Similar Part No. - IRFH5300PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5300PBF IRF-IRFH5300PBF Datasheet
356Kb / 8P
   HEXFET Power MOSFET
logo
Infineon Technologies A...
IRFH5300PBF INFINEON-IRFH5300PBF Datasheet
829Kb / 10P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
Rev. 2.4, 2021-01-29
More results

Similar Description - IRFH5300PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLTS6342TRPBF IRF-IRLTS6342TRPBF Datasheet
232Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6342TRPBF IRF-IRL6342TRPBF Datasheet
273Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6372PBF IRF-IRL6372PBF Datasheet
278Kb / 8P
   Battery operated DC motor inverter MOSFET
IRFHM830PBF IRF-IRFHM830PBF Datasheet
234Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM630PBF IRF-IRLHM630PBF Datasheet
266Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM620PBF IRF-IRLHM620PBF_15 Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRF6201PBF IRF-IRF6201PBF_15 Datasheet
252Kb / 9P
   Battery operated DC motor inverter MOSFET
IRL6342PBF IRF-IRL6342PBF_15 Datasheet
273Kb / 8P
   BATTERY OPERATED DC MOTOR INVERTER MOSFET
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF_V01 Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
logo
International Rectifier
IRLHM630PBF IRF-IRLHM630PBF_15 Datasheet
241Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com