Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15C02MH Datasheet(PDF) 3 Page - ON Semiconductor

Part # 15C02MH
Description  nullBipolar Transistor 15V, 1A, Low VCE(sat) NPN Single MCPH3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

15C02MH Datasheet(HTML) 3 Page - ON Semiconductor

  15C02MH Datasheet HTML 1Page - ON Semiconductor 15C02MH Datasheet HTML 2Page - ON Semiconductor 15C02MH Datasheet HTML 3Page - ON Semiconductor 15C02MH Datasheet HTML 4Page - ON Semiconductor 15C02MH Datasheet HTML 5Page - ON Semiconductor 15C02MH Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
15C02MH
No.7354-3/6
0
0
100
200
Ambient Temperature, Ta --
°C
PC -- Ta
IT05046
300
600
400
500
700
40
20
100
120
60
80
140
160
Mounted
on
a
ceramic
board(600mm
2
0.8mm)
0.1
0.1
Ron -- IB
IT06664
10
3
25
7
3
25
7
1.0
10
2
3
5
7
2
3
5
7
1.0
f=1MHz
OUT
IN
1kΩ
1kΩ
IB
Base Current, IB -- mA
fT -- IC
Cob -- VCB
VCE(sat) -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- mA
IT05041
1.0
1.0
10
2
2
3
5
73
2
3
5
7
10
1.0
23
5
7 10
23
5
7
23
5
7
100
1000
f=1MHz
IT05043
10
2
3
5
7
2
3
5
7
1000
100
Ta
=75
°C
--25
°C
25
°C
1.0
23
5
7 10
23
5
7
23
5
7
100
1000
IT05044
3
2
5
7
3
1.0
Ta= --25°C
75°C
25°C
IC / IB=50
IC / IB=20
IT05040
1.0
23
5
7
23
5
7
23
5
7
10
100
1000
7
100
1000
2
3
5
7
VCE=2V
hFE -- IC
VCE(sat) -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
IT05039
100
1.0
2
3
5
7 10
2
3
5
7
2
3
5
7
100
1000
2
3
5
1000
7
VCE=2V
Ta=75°C
25°C
--25°C
IT05042
1.0
23
5
7 10
2
3
57
2
3
57
100
1000
3
1000
100
2
3
5
7
2
3
5
7
5
7
10
IC / IB=20
Ta
=75
°C
--25
°C
25
°C


Similar Part No. - 15C02MH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15C02MH SANYO-15C02MH Datasheet
31Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
15C02MH SANYO-15C02MH Datasheet
471Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
15C02MH SANYO-15C02MH_12 Datasheet
471Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
More results

Similar Description - 15C02MH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
15C02CH ONSEMI-15C02CH Datasheet
581Kb / 6P
   Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3
August, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
15C01M ONSEMI-15C01M Datasheet
309Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCP
August, 2013
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
logo
Diodes Incorporated
DSS2515M DIODES-DSS2515M_15 Datasheet
381Kb / 7P
   15V NPN LOW VCE(sat) TRANSISTOR IN DFN1006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com