Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH5302PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFH5302PBF
Description  Synchronous MOSFET for buck converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5302PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFH5302PBF_15 Datasheet HTML 1Page - International Rectifier IRFH5302PBF_15 Datasheet HTML 2Page - International Rectifier IRFH5302PBF_15 Datasheet HTML 3Page - International Rectifier IRFH5302PBF_15 Datasheet HTML 4Page - International Rectifier IRFH5302PBF_15 Datasheet HTML 5Page - International Rectifier IRFH5302PBF_15 Datasheet HTML 6Page - International Rectifier IRFH5302PBF_15 Datasheet HTML 7Page - International Rectifier IRFH5302PBF_15 Datasheet HTML 8Page - International Rectifier IRFH5302PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Notes
 through † are on page 9
PQFN 5X6 mm
Features and Benefits
Applications
OR-ing MOSFET for 12V (typical) Bus in-Rush Current
Synchronous MOSFET for buck converters
Battery Operated DC Motor Inverter MOSFET
Features
Benefits
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
PD @ TC(Bottom) = 25°C
Power Dissipation
g
Linear Derating Factor
g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to + 150
3.6
0.029
100
Max.
32
100
h
400
± 20
30
26
100
h
V
W
A
°C
Low RDSon (
≤ 2.1mΩ)
Lower Conduction Losses
Low Thermal Resistance to PCB (
≤ 1.2°C/W)
Enable better thermal dissipation
100% Rg tested
Increased Reliability
Low Profile (
≤ 0.9 mm)
results in Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
IRFH5302PbF
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 19, 2015
VDS
30
V
RDS(on) max
(@VGS = 10V)
2.1
m
Ω
Qg (typical)
29
nC
RG (typical)
1.6
Ω
ID
(@Tc(Bottom) = 25°C)
100
h
A
Form
Quantity
IRFH5302TRPbF
PQFN 5mm x 6mm
Tape and Reel
4000
IRFH5302TR2PbF
PQFN 5mm x 6mm
Tape and Reel
400
EOL Notice #259
Orderable part number
Package Type
Standard Pack
Note


Similar Part No. - IRFH5302PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5302PBF IRF-IRFH5302PBF Datasheet
215Kb / 8P
   HEXFET Power MOSFET
IRFH5302PBF IRF-IRFH5302PBF Datasheet
331Kb / 8P
   Synchronous MOSFET for high frequency buck converters
logo
Infineon Technologies A...
IRFH5302PBF INFINEON-IRFH5302PBF Datasheet
784Kb / 10P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
Rev. 2.3, 2021-03-03
More results

Similar Description - IRFH5302PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM830DPBF IRF-IRFHM830DPBF Datasheet
211Kb / 8P
   Synchronous MOSFET for Buck Converters
IRFH5301PBF IRF-IRFH5301PBF_15 Datasheet
242Kb / 9P
   Synchronous MOSFET for Buck Converters
IRFH4209DPBF IRF-IRFH4209DPBF_15 Datasheet
491Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210PBF IRF-IRFH4210PBF_15 Datasheet
500Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210DPBF IRF-IRFH4210DPBF Datasheet
256Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4213DPBF IRF-IRFH4213DPBF Datasheet
734Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH8318TRPBF IRF-IRFH8318TRPBF Datasheet
256Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5250DTR2PBF IRF-IRFH5250DTR2PBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTR2PBF IRF-IRFH5302DTR2PBF Datasheet
225Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5250DPBF IRF-IRFH5250DPBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com