Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1100A Datasheet(PDF) 2 Page - ON Semiconductor

Part # ENA1100A
Description  RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single MCP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1100A Datasheet(HTML) 2 Page - ON Semiconductor

  ENA1100A Datasheet HTML 1Page - ON Semiconductor ENA1100A Datasheet HTML 2Page - ON Semiconductor ENA1100A Datasheet HTML 3Page - ON Semiconductor ENA1100A Datasheet HTML 4Page - ON Semiconductor ENA1100A Datasheet HTML 5Page - ON Semiconductor ENA1100A Datasheet HTML 6Page - ON Semiconductor ENA1100A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
15GN01MA
No. A1100-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
0.5
μA
Emitter Cutoff Current
IEBO
VEB=2V, IC=0A
0.5
μA
DC Current Gain
hFE
VCE=5V, IC=10mA
200
400
Gain-Bandwidth Product
fT
VCE=5V, IC=10mA
1.0
1.5
GHz
Output Capacitance
Cob
VCB=10V, f=1MHz
1.1
1.5
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=20mA, IB=2mA
0.06
0.12
V
Output ON resistance
Ron
IB=3mA, f=10kHz
2.0
Ω
Ordering Information
Device
Package
Shipping
memo
15GN01MA-TL-E
MCP
3,000pcs./reel
Pb Free
0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
60
Base-to-Emitter Voltage, VBE -- V
IT06248
IC -- VBE
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
1
2
3
4
5
6
7
8
9
10
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
IT06247
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
5
10
15
20
25
30
35
40
45
50
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
IT06246
IB=0mA
0.05mA
0.10mA
0.15mA
0.20mA
0.25mA
0.30mA
VCE=5V
5
7
100
2
3
hFE -- IC
1.0
23
5
7
23
5
7
10
23
5
7 100
Collector Current, IC -- mA
IT05405
VCE=5V
IB=0μA
5
μA
10
μA
15
μA
20
μA
25
μA
30
μA
35
μA
40
μA
45μA


Similar Part No. - ENA1100A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1100A SANYO-ENA1100A Datasheet
415Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifi er Applications
More results

Similar Description - ENA1100A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
15GN01CA ONSEMI-15GN01CA Datasheet
296Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
MCH4020 ONSEMI-MCH4020 Datasheet
367Kb / 11P
   RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
MCH4020-TL-E ONSEMI-MCH4020-TL-E Datasheet
378Kb / 11P
   RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
   RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com