Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH7085PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFH7085PBF
Description  Half-bridge and full-bridge topologies
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7085PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFH7085PBF Datasheet HTML 1Page - International Rectifier IRFH7085PBF Datasheet HTML 2Page - International Rectifier IRFH7085PBF Datasheet HTML 3Page - International Rectifier IRFH7085PBF Datasheet HTML 4Page - International Rectifier IRFH7085PBF Datasheet HTML 5Page - International Rectifier IRFH7085PBF Datasheet HTML 6Page - International Rectifier IRFH7085PBF Datasheet HTML 7Page - International Rectifier IRFH7085PBF Datasheet HTML 8Page - International Rectifier IRFH7085PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
 
IRFH7085PbF
4
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
March 17, 2015
Fig 6. Normalized On-Resistance vs. Temperature
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
Fig 5. Typical Transfer Characteristics
Fig 4. Typical Output Characteristics
3
4
5
6
7
8
VGS, Gate-to-Source Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 25V
60µs PULSE WIDTH
Fig 3. Typical Output Characteristics
0
20
40
60
80
100 120 140 160
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 48V
VDS= 30V
ID= 75A
Fig 8. Typical Gate Charge vs. Gate-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
10000
VGS
TOP
15V
10V
7.0V
6.0V
5.0V
4.5V
4.3V
BOTTOM
4.0V
60µs PULSE WIDTH
Tj = 25°C
4.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
4.3V
60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
10V
7.0V
6.0V
5.0V
4.5V
4.3V
BOTTOM
4.0V
Fig 7. Typical Capacitance vs. Drain-to-Source Voltage
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.4
0.8
1.2
1.6
2.0
2.4
ID = 75A
VGS = 10V


Similar Part No. - IRFH7085PBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRFH7085PBF INFINEON-IRFH7085PBF Datasheet
1Mb / 12P
   Half-bridge and full-bridge topologies
Rev. 2.3, 2020-04-16
More results

Similar Description - IRFH7085PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7084PBF IRF-IRFH7084PBF Datasheet
788Kb / 10P
   Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRL60S216 INFINEON-IRL60S216 Datasheet
722Kb / 12P
   Half-bridge and full-bridge topologies
2016-1-19
IRFH7084PBF INFINEON-IRFH7084PBF Datasheet
753Kb / 12P
   Half-bridge and full-bridge topologies
2017-01-24
logo
International Rectifier
IRFH7084PBF IRF-IRFH7084PBF_15 Datasheet
715Kb / 11P
   Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRFH7085PBF INFINEON-IRFH7085PBF Datasheet
1Mb / 12P
   Half-bridge and full-bridge topologies
Rev. 2.3, 2020-04-16
logo
Sirectifier Semiconduct...
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
logo
Solid States Devices, I...
PM0027A SSDI-PM0027A_15 Datasheet
140Kb / 3P
   HALF BRIDGE
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com