Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15GN03FA-TL-H Datasheet(PDF) 4 Page - ON Semiconductor

Part # 15GN03FA-TL-H
Description  RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

15GN03FA-TL-H Datasheet(HTML) 4 Page - ON Semiconductor

  15GN03FA-TL-H Datasheet HTML 1Page - ON Semiconductor 15GN03FA-TL-H Datasheet HTML 2Page - ON Semiconductor 15GN03FA-TL-H Datasheet HTML 3Page - ON Semiconductor 15GN03FA-TL-H Datasheet HTML 4Page - ON Semiconductor 15GN03FA-TL-H Datasheet HTML 5Page - ON Semiconductor 15GN03FA-TL-H Datasheet HTML 6Page - ON Semiconductor 15GN03FA-TL-H Datasheet HTML 7Page - ON Semiconductor 15GN03FA-TL-H Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
15GN03FA
No. A1107-4/8
S Parameters (Common emitter)
VCE=5V, IC=1mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.961
-34.18
3.294
157.68
0.040
70.32
0.974
-8.70
200
0.932
-63.71
2.882
139.23
0.068
53.42
0.920
-15.14
300
0.907
-86.85
2.472
124.36
0.087
40.84
0.873
-19.79
400
0.887
-104.47
2.112
112.52
0.096
32.90
0.842
-23.48
500
0.871
-117.78
1.834
102.94
0.099
28.12
0.818
-26.33
600
0.859
-128.62
1.605
94.86
0.101
23.64
0.802
-29.35
700
0.857
-137.14
1.432
87.95
0.097
19.29
0.798
-32.27
800
0.850
-144.21
1.289
81.60
0.095
17.58
0.796
-35.02
900
0.845
-150.72
1.176
76.29
0.090
17.23
0.797
-38.01
1000
0.839
-156.10
1.081
70.99
0.085
16.55
0.797
-41.02
VCE=5V, IC=3mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.892
-58.77
8.161
145.03
0.034
56.36
0.902
-14.46
200
0.843
-98.07
6.099
122.67
0.051
42.43
0.786
-20.13
300
0.817
-121.82
4.658
108.72
0.055
33.87
0.727
-22.56
400
0.803
-136.85
3.715
98.70
0.058
30.68
0.700
-24.99
500
0.792
-146.48
3.051
91.64
0.058
28.74
0.687
-26.83
600
0.786
-154.00
2.599
85.58
0.058
29.60
0.678
-29.37
700
0.788
-159.54
2.257
80.45
0.056
31.43
0.677
-32.02
800
0.787
-164.23
2.001
75.47
0.055
35.06
0.680
-34.73
900
0.784
-168.41
1.798
71.27
0.054
40.40
0.683
-37.51
1000
0.782
-171.95
1.635
67.12
0.056
43.46
0.687
-40.32
VCE=5V, IC=5mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.836
-76.63
11.501
136.45
0.030
52.40
0.838
-17.51
200
0.798
-117.27
7.726
114.17
0.040
37.48
0.709
-21.18
300
0.781
-137.77
5.593
101.72
0.043
34.01
0.658
-22.46
400
0.773
-149.33
4.358
93.38
0.044
33.11
0.638
-24.37
500
0.769
-156.90
3.532
87.35
0.046
36.56
0.630
-26.09
600
0.766
-162.43
2.982
81.95
0.045
39.81
0.625
-28.60
700
0.769
-167.07
2.577
77.34
0.045
42.61
0.624
-31.24
800
0.770
-170.74
2.274
72.95
0.048
47.50
0.632
-33.83
900
0.768
-173.91
2.041
69.14
0.049
53.32
0.637
-36.62
1000
0.765
-176.92
1.844
65.26
0.054
58.93
0.643
-39.47
VCE=5V, IC=10mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.767
-103.15
15.822
124.63
0.023
46.33
0.734
-20.47
200
0.755
-138.50
9.411
104.65
0.028
38.32
0.619
-20.77
300
0.754
-153.35
6.527
94.69
0.030
38.73
0.584
-21.03
400
0.752
-161.57
4.982
87.97
0.033
42.64
0.572
-22.78
500
0.750
-166.80
4.014
82.84
0.035
48.31
0.572
-24.69
600
0.748
-170.55
3.373
78.22
0.037
54.47
0.569
-27.25
700
0.753
-173.80
2.897
73.96
0.041
59.86
0.572
-29.68
800
0.756
-176.67
2.549
69.82
0.044
62.98
0.581
-32.50
900
0.757
-179.14
2.277
66.41
0.049
68.43
0.588
-35.36
1000
0.755
178.64
2.056
62.61
0.053
72.29
0.593
-38.13


Similar Part No. - 15GN03FA-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15GN03FA SANYO-15GN03FA Datasheet
56Kb / 6P
   VHF High-frequency Amplifier Applications
15GN03FA SANYO-15GN03FA Datasheet
500Kb / 8P
   VHF High-frequency Amplifier Applications
15GN03FA SANYO-15GN03FA_12 Datasheet
500Kb / 8P
   VHF High-frequency Amplifier Applications
More results

Similar Description - 15GN03FA-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
August, 2013
2SC5488A ONSEMI-2SC5488A Datasheet
462Kb / 7P
   NPN Single SSFP RF Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com