Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50A02CH Datasheet(PDF) 4 Page - ON Semiconductor

Part # 50A02CH
Description  Bipolar Transistor ??0V, ??.5A, Low VCE(sat) PNP Single CPH3
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

50A02CH Datasheet(HTML) 4 Page - ON Semiconductor

  50A02CH Datasheet HTML 1Page - ON Semiconductor 50A02CH Datasheet HTML 2Page - ON Semiconductor 50A02CH Datasheet HTML 3Page - ON Semiconductor 50A02CH Datasheet HTML 4Page - ON Semiconductor 50A02CH Datasheet HTML 5Page - ON Semiconductor 50A02CH Datasheet HTML 6Page - ON Semiconductor 50A02CH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
50A02CH
No.7487-4/7
Ambient Temperature, Ta --
°C
PC -- Ta
0
0
0
IT05047
100
200
300
600
400
500
700
800
40
20
100
120
60
80
140
160
Mounted
on
a
ceramic
board
(600mm
2
0.8mm)
Collector Current, IC -- mA
IT05121
--1.0
f T -- IC
2
3
57
2
3
57
2
3
57
--10
--100
--1000
100
1000
5
7
2
3
VCE= --10V
f=1MHz
--0.1
0.1
Base Current, IB -- mA
Ron -- IB
IT06093
7
5
3
2
10
7
5
3
2
7
5
3
2
1.0
100
3
2
57
3
2
57
--1.0
--10
OUT
IN
1k
Ω
1k
Ω
IB


Similar Part No. - 50A02CH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
50A02CH SANYO-50A02CH Datasheet
33Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
50A02CH SANYO-50A02CH Datasheet
71Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
50A02CH ONSEMI-50A02CH Datasheet
304Kb / 5P
   Bipolar Transistor
April 2016 - Rev. 2
logo
Sanyo Semicon Device
50A02CH-TL-E SANYO-50A02CH-TL-E Datasheet
532Kb / 7P
   Low-Frequency General-Purpose Amplifi er Applications
logo
ON Semiconductor
50A02CH-TL-E ONSEMI-50A02CH-TL-E Datasheet
304Kb / 5P
   Bipolar Transistor
April 2016 - Rev. 2
More results

Similar Description - 50A02CH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH3212 ONSEMI-CPH3212 Datasheet
582Kb / 6P
   Bipolar Transistor 50V, 5A, Low VCE(sat), NPN Single CPH3
September, 2013
12A02CH ONSEMI-12A02CH Datasheet
583Kb / 6P
   Bipolar Transistor -12V, -1A, Low VCE(sat) PNP Single CPH3
August, 2013
CPH3106 ONSEMI-CPH3106 Datasheet
587Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3107 ONSEMI-CPH3107 Datasheet
581Kb / 6P
   Bipolar Transistor -15V, -6A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3144 ONSEMI-CPH3144 Datasheet
579Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3101 ONSEMI-CPH3101 Datasheet
588Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3114 ONSEMI-CPH3114 Datasheet
583Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
2SA1708S-AN ONSEMI-2SA1708S-AN Datasheet
632Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
2SA2012-TD-E ONSEMI-2SA2012-TD-E Datasheet
81Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
December, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com