Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1108A Datasheet(PDF) 2 Page - ON Semiconductor

Part # ENA1108A
Description  RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1108A Datasheet(HTML) 2 Page - ON Semiconductor

  ENA1108A Datasheet HTML 1Page - ON Semiconductor ENA1108A Datasheet HTML 2Page - ON Semiconductor ENA1108A Datasheet HTML 3Page - ON Semiconductor ENA1108A Datasheet HTML 4Page - ON Semiconductor ENA1108A Datasheet HTML 5Page - ON Semiconductor ENA1108A Datasheet HTML 6Page - ON Semiconductor ENA1108A Datasheet HTML 7Page - ON Semiconductor ENA1108A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
15GN03MA
No. A1108-2/8
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
0.1
μA
Emitter Cutoff Current
IEBO
VEB=2V, IC=0A
1
μA
DC Current Gain
hFE
VCE=5V, IC=10mA
100
180
Gain-Bandwidth Product
fT
VCE=5V, IC=20mA
1.0
1.5
GHz
Output Capacitance
Cob
VCB=10V, f=1MHz
0.95
1.25
pF
Reverse Transfer Capacitance
Cre
0.65
pF
Forward Transfer Gain
⏐S21e⏐
2
VCE=5V, IC=20mA, f=0.4GHz
10
13
dB
Noise Figure
NF
VCE=3V, IC=2mA, f=0.4GHz
1.6
dB
Ordering Information
Device
Package
Shipping
memo
15GN03MA-TL-E
MCP
3,000pcs./reel
Pb Free
02468
10
0
10
20
30
40
50
60
70
80
90
100
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
IT08096
IB=0mA
0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
80
70
60
Base-to-Emitter Voltage, VBE -- V
IT08097
IC -- VBE
5
7
100
2
3
5
7
1.0
2
3
3
hFE -- IC
1.0
23
5
7
10
23
5
7
100
1.0
23
5
7
10
23
5
7
100
Collector Current, IC -- mA
IT08098
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
0.3mA
0.2mA
0.1mA
VCE=5V
f T -- IC
Collector Current, IC -- mA
IT08099
VCE=5V
VCE=5V


Similar Part No. - ENA1108A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1108A SANYO-ENA1108A Datasheet
411Kb / 8P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifi er Applications
More results

Similar Description - ENA1108A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
15GN01MA ONSEMI-15GN01MA Datasheet
306Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single MCP
August, 2013
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com