Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0389A Datasheet(PDF) 1 Page - ON Semiconductor

Part # ENA0389A
Description  RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA0389A Datasheet(HTML) 1 Page - ON Semiconductor

  ENA0389A Datasheet HTML 1Page - ON Semiconductor ENA0389A Datasheet HTML 2Page - ON Semiconductor ENA0389A Datasheet HTML 3Page - ON Semiconductor ENA0389A Datasheet HTML 4Page - ON Semiconductor ENA0389A Datasheet HTML 5Page - ON Semiconductor ENA0389A Datasheet HTML 6Page - ON Semiconductor ENA0389A Datasheet HTML 7Page - ON Semiconductor ENA0389A Datasheet HTML 8Page - ON Semiconductor ENA0389A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
90512 TKIM/53106AB MSIM TB-00002266 No. A0389-1/15
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
MCH4009
RF Transistor
3.5V, 40mA, fT=25GHz, NPN Single MCPH4
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Low-noise use
: NF=1.1dB typ (f=2GHz)
High cut-off frequency : fT=25GHz typ (VCE=3V)
Low operating voltage
High gain
: |S21e|
2=17dB typ (f=2GHz)
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
10
V
Collector-to-Emitter Voltage
VCEO
3.5
V
Emitter-to-Base Voltage
VEBO
2.5
V
Collector Current
IC
40
mA
Collector Dissipation
PC
120
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7020A-002
Ordering number : ENA0389A
Product & Package Information
• Package
: MCPH4
• JEITA, JEDEC
: SC-82, SC-82AB, SOT-343
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
GG
TL
1 : Collector
2 : Emitter
3 : Base
4 : Emitter
MCPH4
2.0
0.3
0.65
0.15
0 to 0.02
43
12
43
12
1
2, 4
3
MCH4009-TL-H


Similar Part No. - ENA0389A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0389A SANYO-ENA0389A Datasheet
476Kb / 15P
   UHF to X Band Low-Noise Amplifier and OSC Applications
More results

Similar Description - ENA0389A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4020 ONSEMI-MCH4020 Datasheet
367Kb / 11P
   RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
MCH4020-TL-E ONSEMI-MCH4020-TL-E Datasheet
378Kb / 11P
   RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
logo
Central Semiconductor C...
CP317X-2N2857 CENTRAL-CP317X-2N2857 Datasheet
420Kb / 4P
   NPN - RF Transistor Die 40mA, 15 Volt
R0 8-May 2018
logo
ON Semiconductor
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5347A ONSEMI-2SC5347A Datasheet
318Kb / 8P
   RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
15GN01CA ONSEMI-15GN01CA Datasheet
296Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com