Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ21193 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJ21193
Description  Silicon Power Transistors 16 AMP COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ21193 Datasheet(HTML) 1 Page - ON Semiconductor

  MJ21193_13 Datasheet HTML 1Page - ON Semiconductor MJ21193_13 Datasheet HTML 2Page - ON Semiconductor MJ21193_13 Datasheet HTML 3Page - ON Semiconductor MJ21193_13 Datasheet HTML 4Page - ON Semiconductor MJ21193_13 Datasheet HTML 5Page - ON Semiconductor MJ21193_13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 6
1
Publication Order Number:
MJ21193/D
MJ21193-PNP
MJ21194-NPN
Silicon Power Transistors
The MJ21193 (PNP) and MJ21194 (NPN) utilize Perforated Emitter
technology and are specifically designed for high power audio output,
disk head positioners and linear applications.
Features
Total Harmonic Distortion Characterized
High DC Current Gain
Excellent Gain Linearity
High SOA
These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
250
Vdc
Collector−Base Voltage
VCBO
400
Vdc
Emitter−Base Voltage
VEBO
5
Vdc
Collector−Emitter Voltage − 1.5 V
VCEX
400
Vdc
Collector Current − Continuous
IC
16
Adc
Collector Current − Peak (Note 1)
ICM
30
Adc
Base Current − Continuous
IB
5
Adc
Total Power Dissipation @ TC = 25°C
Derate Above 25°C
PD
250
1.43
W
W/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 65 to +200
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle ≤10%. (continued)
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
0.7
°C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAM
TO−204AA (TO−3)
CASE 1−07
STYLE 1
16 AMP COMPLEMENTARY
SILICON POWER
TRANSISTORS
250 VOLTS, 250 WATTS
Device
Package
Shipping
ORDERING INFORMATION
MJ21193G
TO−3
(Pb−Free)
100 Units / Tray
MJ21194G
TO−3
(Pb−Free)
100 Units / Tray
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MJ2119xG
AYYWW
MEX
MJ2119x = Device Code
x = 3 or 4
G= Pb−Free Package
A
= Assembly Location
YY
= Year
WW
= Work Week
MEX
= Country of Origin
SCHEMATIC
1
BASE
EMITTER 2
CASE 3
1
BASE
EMITTER 2
CASE 3
PNP
NPN
1
2
3


Similar Part No. - MJ21193_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ21193G ONSEMI-MJ21193G Datasheet
73Kb / 6P
   Silicon Power Transistors
June, 2005 ??Rev. 4
MJ21193G ONSEMI-MJ21193G Datasheet
163Kb / 6P
   Silicon Power Transistors
April, 2009 ??Rev. 5
logo
Thinki Semiconductor Co...
MJ21193G THINKISEMI-MJ21193G Datasheet
570Kb / 5P
   250 Watt Silicon Type Metal Package Power Transistor
logo
ON Semiconductor
MJ21193 ONSEMI-MJ21193_05 Datasheet
73Kb / 6P
   Silicon Power Transistors
June, 2005 ??Rev. 4
MJ21193 ONSEMI-MJ21193_09 Datasheet
163Kb / 6P
   Silicon Power Transistors
April, 2009 ??Rev. 5
More results

Similar Description - MJ21193_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TIP29 MCC-TIP29 Datasheet
163Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
TIP29 MCC-TIP29_11 Datasheet
252Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
TIP29 MCC-TIP29_13 Datasheet
200Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ21195G ONSEMI-MJ21195G_13 Datasheet
131Kb / 6P
   Silicon Power Transistors 16 AMPERES COMPLEMENTARY SILICON
September, 2013 ??Rev. 6
logo
Motorola, Inc
BD315 MOTOROLA-BD315 Datasheet
109Kb / 3P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
NTE Electronics
NTE331 NTE-NTE331 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amp, Switch
NTE2343 NTE-NTE2343 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Darlington Power Amp, Switch
NTE270 NTE-NTE270 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amp, Switch
NTE291 NTE-NTE291 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Medium Power Amp, Switch
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com