Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJF6668 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MJF6668
Description  Complementary Power Darlingtons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF6668 Datasheet(HTML) 6 Page - ON Semiconductor

  MJF6668 Datasheet HTML 1Page - ON Semiconductor MJF6668 Datasheet HTML 2Page - ON Semiconductor MJF6668 Datasheet HTML 3Page - ON Semiconductor MJF6668 Datasheet HTML 4Page - ON Semiconductor MJF6668 Datasheet HTML 5Page - ON Semiconductor MJF6668 Datasheet HTML 6Page - ON Semiconductor MJF6668 Datasheet HTML 7Page - ON Semiconductor MJF6668 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MJF6388 (NPN), MJF6668 (PNP)
http://onsemi.com
6
NPN
MJF6388
PNP
MJF6668
0.1
10-1
0
+0.4
-0.2 -0.4 -0.6
+0.6
+0.2
-0.8
-1
-1.2 -1.4
IC, COLLECTOR CURRENT (AMP)
0
*IC/IB ≤ hFE/3
-5
104
VBE, BASE-EMITTER VOLTAGE (VOLTS)
10-1
0
- 0.4
103
102
101
100
+0.2 +0.4 +0.6
TJ = 150°C
100
°C
REVERSE
FORWARD
25
°C
VCE = 30 V
105
-0.6
-0.2
+0.8
+1
+1.2 +1.4
104
VBE, BASE-EMITTER VOLTAGE (VOLTS)
103
102
101
100
TJ = 150°C
100
°C
REVERSE
FORWARD
25
°C
VCE = 30 V
105
-4
-3
-2
-1
qVB for VBE
25
°C to 150°C
IC, COLLECTOR CURRENT (AMP)
Figure 11. Typical “On” Voltages
Figure 12. Typical Temperature Coefficients
0.1
IC, COLLECTOR CURRENT (AMP)
2
1.5
3
2.5
1
0.5
0.2
0.5
5
0.3
1
0.7
3
10
IC, COLLECTOR CURRENT (AMP)
2
1.5
3
2.5
1
0.5
TJ = 25°C
VBE(sat) @ IC/IB = 250
VBE @ VCE = 4 V
VCE(sat) @ IC/IB = 250
TJ = 25°C
VBE(sat) @ IC/IB = 250
VBE @ VCE = 4 V
VCE(sat) @ IC/IB = 250
7
2
0.1
0.2
0.5
5
0.3
1
0.7
3
10
7
2
0.2
0.5
5
0.3
1
0.7
3
10
7
2
0.1
0.2
0.5
5
0.3
1
3
10
7
2
+1
+2
+3
+4
+5
0
-5
-4
-3
-2
-1
+1
+2
+3
+4
+5
-55
°C to 25°C
*IC/IB ≤ hFE/3
Figure 13. Typical Collector Cut−Off Region
0.7
25
°C to 150°C
-55
°C to 25°C
25
°C to 150°C
-55
°C to 25°C
*
qVC for VCE(sat)
*
qVC for VCE(sat)
qVB for VBE
25
°C to 150°C
-55
°C to 25°C


Similar Part No. - MJF6668

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJF6668 MOTOROLA-MJF6668 Datasheet
338Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS
logo
ON Semiconductor
MJF6668 ONSEMI-MJF6668 Datasheet
338Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
REV 3
MJF6668 ONSEMI-MJF6668 Datasheet
159Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS, 40 WATTS
April, 2006 ??Rev. 8
MJF6668 ONSEMI-MJF6668 Datasheet
158Kb / 8P
   Complementary Power Darlingtons
September, 2008 ??Rev. 10
MJF6668G ONSEMI-MJF6668G Datasheet
159Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS, 40 WATTS
April, 2006 ??Rev. 8
More results

Similar Description - MJF6668

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD335 STMICROELECTRONICS-BD335 Datasheet
321Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
logo
Comset Semiconductor
MJ1000 COMSET-MJ1000_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_08 Datasheet
158Kb / 8P
   Complementary Power Darlingtons
September, 2008 ??Rev. 10
logo
Comset Semiconductor
MJ900 COMSET-MJ900_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
MJF127 NJSEMI-MJF127 Datasheet
99Kb / 2P
   Complementary Power Darlingtons
MJ900 NJSEMI-MJ900 Datasheet
115Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
logo
Comset Semiconductor
MJ3000 COMSET-MJ3000 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
MJ900 COMSET-MJ900 Datasheet
175Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
MJ2500 COMSET-MJ2500 Datasheet
174Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
MJ2500 COMSET-MJ2500_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com