Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJL4281A Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJL4281A
Description  Complementary NPN-PN Silicon Power Bipolar Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJL4281A Datasheet(HTML) 4 Page - ON Semiconductor

  MJL4281A Datasheet HTML 1Page - ON Semiconductor MJL4281A Datasheet HTML 2Page - ON Semiconductor MJL4281A Datasheet HTML 3Page - ON Semiconductor MJL4281A Datasheet HTML 4Page - ON Semiconductor MJL4281A Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MJL4281A (NPN) MJL4302A (PNP)
http://onsemi.com
4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
100
Figure 7. Typical Base−Emitter Voltages,
NPN MJL4281A
IC, COLLECTOR CURRENT (A)
0.0
0.5
1.0
1.5
2.0
2.5
0.01
0.1
1
10
100
IC, COLLECTOR CURRENT (A)
Figure 8. Typical Base−Emitter Voltages,
PNP MJL4302A
0
10
20
30
40
50
60
70
0.1
1
10
Figure 9. Typical Current Gain Bandwidth Product,
NPN MJL4281A
IC, COLLECTOR CURRENT (A)
VCE = 5 V
TJ = 25°C
ftest = 1 MHz
VCE = 10 V
0
10
20
30
40
50
60
70
0.1
1
10
TJ = 25°C
ftest = 1 MHz
VCE = 5 V
VCE = 10 V
0.01
0.1
1
10
100
1
10
100
1000
Vce, COLLECTOR−EMITTER VOLTAGE (V)
10 mS
100 mS
1 Sec
TJ = 25°C
0.01
0.1
1
10
100
1
10
100
1000
Vce, COLLECTOR−EMITTER VOLTAGE (V)
10 mS
100 mS
1 Sec
TJ = 25°C
Figure 10. Typical Current Gain Bandwidth Product,
PNP MJL4302A
Figure 11. Active Region Safe Operating Area,
NPN MJL4281A
Figure 12. Active Region Safe Operating Area,
PNP MJL4302A
TYPICAL CHARACTERISTICS


Similar Part No. - MJL4281A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL4281A ONSEMI-MJL4281A Datasheet
55Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
July, 2003 ??Rev. 1
MJL4281A ONSEMI-MJL4281A Datasheet
64Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 350 VOLTS, 230 WATTS
January, 2006 ??Rev. 2
logo
Inchange Semiconductor ...
MJL4281A ISC-MJL4281A Datasheet
265Kb / 2P
   isc Silicon NPN Power Transistor
logo
ON Semiconductor
MJL4281AG ONSEMI-MJL4281AG Datasheet
64Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 350 VOLTS, 230 WATTS
January, 2006 ??Rev. 2
MJL4281A ONSEMI-MJL4281A_06 Datasheet
64Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 350 VOLTS, 230 WATTS
January, 2006 ??Rev. 2
More results

Similar Description - MJL4281A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJW3281G ONSEMI-NJW3281G_13 Datasheet
117Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW3281A ONSEMI-MJW3281A_10 Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
MJL4281A ONSEMI-MJL4281A Datasheet
55Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
July, 2003 ??Rev. 1
NJW3281G ONSEMI-NJW3281G Datasheet
89Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
MJW3281A ONSEMI-MJW3281A Datasheet
91Kb / 8P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2002 ??Rev. 1
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW0281A ONSEMI-MJW0281A_05 Datasheet
67Kb / 6P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2005 ??Rev. 2
NJW0281G ONSEMI-NJW0281G Datasheet
80Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW0281AG ONSEMI-MJW0281AG Datasheet
63Kb / 6P
   Complementary NPN?뭁NP Power Bipolar Transistors
June, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com