Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN2130 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MUN2130
Description  PNP Transistors with Monolithic Bias Resistor Network
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2130 Datasheet(HTML) 5 Page - ON Semiconductor

  MUN2130 Datasheet HTML 1Page - ON Semiconductor MUN2130 Datasheet HTML 2Page - ON Semiconductor MUN2130 Datasheet HTML 3Page - ON Semiconductor MUN2130 Datasheet HTML 4Page - ON Semiconductor MUN2130 Datasheet HTML 5Page - ON Semiconductor MUN2130 Datasheet HTML 6Page - ON Semiconductor MUN2130 Datasheet HTML 7Page - ON Semiconductor MUN2130 Datasheet HTML 8Page - ON Semiconductor MUN2130 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MUN2130, MMUN2130L, MUN5130, DTA113EE, DTA113EM3, NSBA113EF3
www.onsemi.com
5
Table 2. THERMAL CHARACTERISTICS
Characteristic
Unit
Max
Symbol
THERMAL CHARACTERISTICS (SOT−1123) (NSBA113EF3)
Total Device Dissipation
TA = 25°C
(Note 3)
(Note 4)
Derate above 25
°C
(Note 3)
(Note 4)
PD
254
297
2.0
2.4
mW
mW/
°C
Thermal Resistance,
(Note 3)
Junction to Ambient
(Note 4)
RqJA
493
421
°C/W
Thermal Resistance, Junction to Lead
(Note 3)
RqJL
193
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR−4 @ Minimum Pad.
2. FR−4 @ 1.0 x 1.0 Inch Pad.
3. FR−4 @ 100 mm2, 1 oz. copper traces, still air.
4. FR−4 @ 500 mm2, 1 oz. copper traces, still air.
Table 3. ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current
(VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current
(VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
(VEB = 6.0 V, IC = 0)
IEBO
4.3
mAdc
Collector−Base Breakdown Voltage
(IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 5)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS
DC Current Gain (Note 5)
(IC = 5.0 mA, VCE = 10 V)
hFE
3.0
5.0
Collector−Emitter Saturation Voltage (Note 5)
(IC = 10 mA, IB = 5.0 mA)
VCE(sat)
0.25
Vdc
Input Voltage (off)
(VCE = 5.0 V, IC = 100 mA)
Vi(off)
1.2
0.5
Vdc
Input Voltage (on)
(VCE = 0.3 V, IC = 20 mA)
Vi(on)
2.0
1.6
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.05 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
R1
0.7
1.0
1.3
k
W
Resistor Ratio
R1/R2
0.8
1.0
1.2
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle
≤ 2%.


Similar Part No. - MUN2130

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2130 WEITRON-MUN2130 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
MUN2130 WEITRON-MUN2130 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MUN2130 ONSEMI-MUN2130 Datasheet
137Kb / 10P
   Digital Transistors (BRT) R1 = 1 k, R2 = 1 k
February, 2013 ??Rev. 2
MUN2130 ONSEMI-MUN2130 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
logo
Yea Shin Technology Co....
MUN2130 YEASHIN-MUN2130 Datasheet
924Kb / 8P
   PNP Silicon Surface Mount Transistors
More results

Similar Description - MUN2130

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2131 ONSEMI-MUN2131_15 Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
MUN2135 ONSEMI-MUN2135 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2015 ??Rev. 3
MUN2115 ONSEMI-MUN2115_13 Datasheet
149Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
MUN2138 ONSEMI-MUN2138_13 Datasheet
144Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
MUN2137 ONSEMI-MUN2137_15 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
April, 2015 ??Rev. 3
MMUN2141L ONSEMI-MMUN2141L Datasheet
143Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
DTA113EM3 ONSEMI-DTA113EM3 Datasheet
137Kb / 10P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
MMUN2114L ONSEMI-MMUN2114L Datasheet
148Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
November, 2012 ??Rev. 2
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com