Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSBA123JF3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSBA123JF3
Description  PNP Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBA123JF3 Datasheet(HTML) 4 Page - ON Semiconductor

  NSBA123JF3 Datasheet HTML 1Page - ON Semiconductor NSBA123JF3 Datasheet HTML 2Page - ON Semiconductor NSBA123JF3 Datasheet HTML 3Page - ON Semiconductor NSBA123JF3 Datasheet HTML 4Page - ON Semiconductor NSBA123JF3 Datasheet HTML 5Page - ON Semiconductor NSBA123JF3 Datasheet HTML 6Page - ON Semiconductor NSBA123JF3 Datasheet HTML 7Page - ON Semiconductor NSBA123JF3 Datasheet HTML 8Page - ON Semiconductor NSBA123JF3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MUN2135, MMUN2135L, MUN5135, DTA123JE, DTA123JM3, NSBA123JF3
www.onsemi.com
4
Table 2. THERMAL CHARACTERISTICS
Characteristic
Unit
Max
Symbol
THERMAL CHARACTERISTICS (SOT−1123) (NSBA123JF3)
Total Device Dissipation
TA = 25°C
(Note 3)
(Note 4)
Derate above 25
°C
(Note 3)
(Note 4)
PD
254
297
2.0
2.4
mW
mW/
°C
Thermal Resistance,
(Note 3)
Junction to Ambient
(Note 4)
RqJA
493
421
°C/W
Thermal Resistance, Junction to Lead
(Note 3)
RqJL
193
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR−4 @ Minimum Pad.
2. FR−4 @ 1.0 x 1.0 Inch Pad.
3. FR−4 @ 100 mm2, 1 oz. copper traces, still air.
4. FR−4 @ 500 mm2, 1 oz. copper traces, still air.
Table 3. ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current
(VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current
(VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
(VEB = 6.0 V, IC = 0)
IEBO
0.2
mAdc
Collector−Base Breakdown Voltage
(IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 5)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS
DC Current Gain (Note 5)
(IC = 5.0 mA, VCE = 10 V)
hFE
80
140
Collector
*Emitter Saturation Voltage (Note 5)
(IC = 10 mA, IB = 0.3 mA)
VCE(sat)
0.25
Vdc
Input Voltage (off)
(VCE = 5.0 V, IC = 100 mA)
Vi(off)
0.6
0.5
Vdc
Input Voltage (on)
(VCE = 0.3 V, IC = 5.0 mA)
Vi(on)
1.1
0.8
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
R1
1.5
2.2
2.9
k
W
Resistor Ratio
R1/R2
0.038
0.047
0.056
5. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle
v 2%.


Similar Part No. - NSBA123JF3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBA123JF3 ONSEMI-NSBA123JF3 Datasheet
131Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 47 k
September, 2012 ??Rev. 1
NSBA123JF3 ONSEMI-NSBA123JF3 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
NSBA123JF3T5G ONSEMI-NSBA123JF3T5G Datasheet
117Kb / 6P
   Digital Transistors (BRT)
September, 2008 ??Rev. 2
NSBA123JF3T5G ONSEMI-NSBA123JF3T5G Datasheet
131Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 47 k
September, 2012 ??Rev. 1
NSBA123JF3T5G ONSEMI-NSBA123JF3T5G Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
More results

Similar Description - NSBA123JF3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2131 ONSEMI-MUN2131_15 Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
MUN2130 ONSEMI-MUN2130_15 Datasheet
104Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 5
MUN2115 ONSEMI-MUN2115_13 Datasheet
149Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
MUN2138 ONSEMI-MUN2138_13 Datasheet
144Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
MUN2137 ONSEMI-MUN2137_15 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
April, 2015 ??Rev. 3
MMUN2141L ONSEMI-MMUN2141L Datasheet
143Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
DTA113EM3 ONSEMI-DTA113EM3 Datasheet
137Kb / 10P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
MMUN2114L ONSEMI-MMUN2114L Datasheet
148Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
November, 2012 ??Rev. 2
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com