Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW3281G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NJW3281G
Description  Complementary NPN-PNP Silicon Power Bipolar Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJW3281G Datasheet(HTML) 4 Page - ON Semiconductor

  NJW3281G Datasheet HTML 1Page - ON Semiconductor NJW3281G Datasheet HTML 2Page - ON Semiconductor NJW3281G Datasheet HTML 3Page - ON Semiconductor NJW3281G Datasheet HTML 4Page - ON Semiconductor NJW3281G Datasheet HTML 5Page - ON Semiconductor NJW3281G Datasheet HTML 6Page - ON Semiconductor NJW3281G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NJW3281G (NPN) NJW1302G (PNP)
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0.01
0.1
1
0.001
0.01
0.1
1
IB, BASE CURRENT (A)
Figure 7. Saturation Region
TJ = 25°C
IC = 0.1 A
0.5 A
1 A
3 A
5 A
0.01
0.1
1
0.001
0.01
0.1
1
IB, BASE CURRENT (A)
Figure 8. Saturation Region
TJ = 25°C
IC = 0.1 A
0.5 A
1 A
5 A
3 A
PNP NJW1302G
NPN NJW3281G
0.01
0.1
1
0.01
0.1
1
10
100
IC, COLLECTER CURRENT (A)
Figure 9. VCE(sat), Collector−Emitter Saturation
Voltage
IC/IB = 10
−30°C
25°C
125°C
0.01
0.1
1
0.01
0.1
1
10
100
IC, COLLECTER CURRENT (A)
Figure 10. VCE(sat), Collector−Emitter
Saturation Voltage
−30°C
25°C
125°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
IC, COLLECTER CURRENT (A)
Figure 11. VBE(on), Base−Emitter Voltage
125°C
−30°C
25°C
IC/IB = 10
VCE = 5 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
IC, COLLECTER CURRENT (A)
Figure 12. VBE(on), Base−Emitter Voltage
VCE = 5 V
125°C
−30°C
25°C


Similar Part No. - NJW3281G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJW3281G ONSEMI-NJW3281G Datasheet
89Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
logo
Inchange Semiconductor ...
NJW3281G ISC-NJW3281G Datasheet
301Kb / 2P
   isc Silicon NPN Power Transistors
logo
Thinki Semiconductor Co...
NJW3281G THINKISEMI-NJW3281G Datasheet
4Mb / 6P
   200Watt/15A/250V Silicon Planar NPN Type Power Transistor
Rev.13T
More results

Similar Description - NJW3281G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJW3281A ONSEMI-MJW3281A_10 Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
MJL4281A ONSEMI-MJL4281A Datasheet
55Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
July, 2003 ??Rev. 1
NJW3281G ONSEMI-NJW3281G Datasheet
89Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
MJW3281A ONSEMI-MJW3281A Datasheet
91Kb / 8P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2002 ??Rev. 1
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW0281A ONSEMI-MJW0281A_05 Datasheet
67Kb / 6P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2005 ??Rev. 2
NJW0281G ONSEMI-NJW0281G Datasheet
80Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJL4281A ONSEMI-MJL4281A_13 Datasheet
102Kb / 5P
   Complementary NPN-PN Silicon Power Bipolar Transistors
June, 2013 ??Rev. 3
MJW0281AG ONSEMI-MJW0281AG Datasheet
63Kb / 6P
   Complementary NPN?뭁NP Power Bipolar Transistors
June, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com