Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDV215E Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDV215E
Description  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV215E Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDV215E_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDV215E_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2014. 3. 31
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDV215E
Revision No : 4
TV TUNING.
FEATURES
・High Capacitance Ratio : C2V/C25V=6.5(Typ.)
・Low Series Resistance : r
S=0.4Ω(Typ.)
・Excellent C-V Characteristics, and Small Tracking Error.
・Useful for Small Size Tuner.
MAXIMUM RATING (Ta=25
℃)
1. ANODE
2. CATHODE
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
F
0.13 0.05
F
G
+
_
+
_
+
_
+
_
+
_
+
_
0.20 0.10
+
_
VARIABLE CAPACITANCE DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
30
V
Peak Reverse Voltage
VRM
35(RL=10kΩ)
V
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55
~125
Type Name
Marking
A
T
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Current
IR
VR=30V
-
-
10
nA
Reverse Current
IR
VR=30V, (Ta=60℃)
-
-
100
nA
Capacitance
C2V
VR=2V, f=1MHz
14.16
-
16.25
pF
Capacitance
C25V
VR=25V, f=1MHz
2.11
-
2.43
pF
Capacitance Ratio
C2V/C25V
5.90
6.50
7.15
-
Series Resistance
rS
VR=5V, f=470MHz
-
0.4
0.55
C(Max.)-C(Min.)
≦0.02
C(Min.)
(VR=2~25V)
Note : Available in matched group for capacitance to 2.0%.


Similar Part No. - KDV215E_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDV215E KEC-KDV215E Datasheet
49Kb / 1P
   ESC PACKAGE
More results

Similar Description - KDV215E_15

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com