Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6096 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6096
Description  SPDT Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6096 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6096 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6096 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6096 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6096 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TECHNICAL DATA SHEET
The PE71S6096 is Single Pole Double Throw Switch that operates from DC to 26.5 GHz. The switch has a failsafe actuator
and an indicator and 1M life cycles. The switch has an opating voltage of 12 Volts.
Features
• SPDT Switch
• DC to 26.5 GHz Operating Frequency Range
• 1 M Cycles min
• Faile-Safe Switch
• Indicator
• Switching Sequence Break Before Make
Applications
• Test & Measurement
• Communications System
• Instrumentation
Electrical Specifications
Frequency Range
DC to 26.5 GHz
Impedance
50 Ohms
Actuator
Failsafe, TTL Logic
Actuating Current
300 mA
Control Voltage
12 Volts
RF Characteristic
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Frequency Range
DC to 4
4 to 8
8 to 12
12 to 18
18 to 26.5
GHz
VSWR
1.25:1
1.25:1
1.3:1
1.35:1
1.5:1
Insertion Loss
0.2
0.25
0.3
0.4
0.5
dB
Isolation
80
75
70
60
50
dB
.
Mechanical Specifications
Temperature
Operating Range
-55 to +85 deg C
.
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SPDT Relay Switch DC to 26.5 GHz, SMA,, 12V Control, Failsafe, TTL Logic PE71S6096
PE71S6096
PE71S6096 REV
SPDT Relay Switch DC to 26.5 GHz, SMA,,
12V Control, Failsafe, TTL Logic


Similar Part No. - PE71S6096

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6090 PASTERNACK-PE71S6090 Datasheet
458Kb / 6P
   SPDT Electromechanical Relay Switch DC to 3 GHz, SMT, 400 Watts, 24V Control with Failsafe
PE71S6091 PASTERNACK-PE71S6091 Datasheet
457Kb / 6P
   SPDT Electromechanical Relay Switch DC to 3 GHz, SMT, 400 Watts, 24V Control with Latching
PE71S6092 PASTERNACK-PE71S6092 Datasheet
458Kb / 6P
   Single Pole Double Throw SMT Relay Switch
PE71S6093 PASTERNACK-PE71S6093 Datasheet
458Kb / 6P
   Single Pole Double Throw SMT Relay Switch
PE71S6094 PASTERNACK-PE71S6094 Datasheet
398Kb / 4P
   SPDT Switch
More results

Similar Description - PE71S6096

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
   SPDT Switch
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
   SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18XL MINI-MSP2T-18XL Datasheet
533Kb / 4P
   SPDT Switch
MSP2T-26XL MINI-MSP2T-26XL Datasheet
537Kb / 4P
   SPDT Switch
logo
Sanyo Semicon Device
SPM3252 SANYO-SPM3252 Datasheet
18Kb / 3P
   SPDT Switch
logo
ON Semiconductor
NLAS9041 ONSEMI-NLAS9041 Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
logo
Pasternack Enterprises,...
PE71S6101 PASTERNACK-PE71S6101 Datasheet
431Kb / 4P
   SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com