Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6110 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE71S6110
Description  DPDT Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6110 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE71S6110 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6110 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6110 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6110 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation
Transfer Electromechanical Relay Switch DC to 26.5 GHz, SMA, 30 Watts, 12V Control with Failsafe from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Transfer Electromechanical Relay Switch DC to 26.5 GHz, SMA, 30 Watts, 12V Control with
Failsafe PE71S6110
URL: http://www.pasternack.com/sma-transfer-electromechanical-relay-switch-26.5-ghz-failsafe-pe71s6110-p.aspx
PE71S6110
PE71S6110 REV 1.0
Transfer Electromechanical Relay Switch DC to
26.5 GHz, SMA, 30 Watts, 12V Control with Failsafe


Similar Part No. - PE71S6110

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
   SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
   SPDT Switch
PE71S6113 PASTERNACK-PE71S6113 Datasheet
433Kb / 4P
   SPDT Switch
PE71S6114 PASTERNACK-PE71S6114 Datasheet
433Kb / 4P
   SPDT Switch
PE71S6115 PASTERNACK-PE71S6115 Datasheet
433Kb / 4P
   SPDT Switch
More results

Similar Description - PE71S6110

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
150C2206 DAICO-150C2206 Datasheet
34Kb / 1P
   Switch DPDT
logo
SG Micro Corp
SGM44602 SGMICRO-SGM44602 Datasheet
355Kb / 12P
   DPDT Analog Switch
logo
M/A-COM Technology Solu...
MASW2040 MA-COM-MASW2040_15 Datasheet
525Kb / 5P
   GaAs DPDT Switch
logo
SG Micro Corp
SGM44599 SGMICRO-SGM44599 Datasheet
336Kb / 13P
   DPDT Analog Switch
SGM44601 SGMICRO-SGM44601 Datasheet
384Kb / 12P
   DPDT Analog Switch
SGM44600 SGMICRO-SGM44600_15 Datasheet
330Kb / 11P
   DPDT Analog Switch
SGM3799 SGMICRO-SGM3799 Datasheet
343Kb / 12P
   DPDT Analog Switch
SGM7223 SGMICRO-SGM7223 Datasheet
680Kb / 13P
   DPDT Analog Switch
logo
M/A-COM Technology Solu...
MASW6030G MA-COM-MASW6030G Datasheet
71Kb / 4P
   GaAs DPDT Switch
logo
SG Micro Corp
SGM7222 SGMICRO-SGM7222 Datasheet
711Kb / 16P
   DPDT Analog Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com