Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6116 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE71S6116
Description  SPDT Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6116 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE71S6116 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6116 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6116 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6116 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PE71S6116 CAD Drawing
Transfer Electromechanical Relay Switch DC to 26.5 GHz, SMA,
30 Watts, 12V Control with Indicators, Latching, TTL
PE71S6116 REV 1.0


Similar Part No. - PE71S6116

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6110 PASTERNACK-PE71S6110 Datasheet
423Kb / 4P
   DPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
   SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
   SPDT Switch
PE71S6113 PASTERNACK-PE71S6113 Datasheet
433Kb / 4P
   SPDT Switch
PE71S6114 PASTERNACK-PE71S6114 Datasheet
433Kb / 4P
   SPDT Switch
More results

Similar Description - PE71S6116

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
   SPDT Switch
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
   SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
   SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18XL MINI-MSP2T-18XL Datasheet
533Kb / 4P
   SPDT Switch
MSP2T-26XL MINI-MSP2T-26XL Datasheet
537Kb / 4P
   SPDT Switch
logo
Sanyo Semicon Device
SPM3252 SANYO-SPM3252 Datasheet
18Kb / 3P
   SPDT Switch
logo
ON Semiconductor
NLAS9041 ONSEMI-NLAS9041 Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
logo
Pasternack Enterprises,...
PE71S6101 PASTERNACK-PE71S6101 Datasheet
431Kb / 4P
   SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com