Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130147-0025 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130147-0025
Description  Watertite Plug with Locking Blade, 3 Pole/4 Wire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130147-0025 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130147-0025 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130147-0025
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
Watertite® Plug with Locking Blade, 3 Pole/4 Wire, NEMA L14-20, 250V, Cord Grip
Body Size F3
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
UL
E10176
General
Product Family
Wiring Devices
Series
130147
IP Rating
IP67
NEMA Configuration
NEMA L14-20
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-8067
Product Name
Watertite®
Receptacle Type
N/A
Specialty
N/A
Type
Plug
UPC
78678871213
Woodhead
Yes
Physical
Cord Grip Body Size
F3 3/4"
Flange
No
Flip Lid
No
Gender
Male
Length
N/A
Locking Blade
Yes
Poles
3-pole/4-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
20.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
250V
Material Info
Old Part Number
26W74
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130147Series
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130147-0025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0021 MOLEX11-130147-0021 Datasheet
41Kb / 1P
   Watertite Plug with Locking Blade, 2 Pole/3 Wire
130147-0022 MOLEX11-130147-0022 Datasheet
42Kb / 1P
   Watertite Extra Hard Outdoor Plug with Locking Blade, 2 Pole/3 Wire
130147-0023 MOLEX11-130147-0023 Datasheet
40Kb / 1P
   Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L7-20, 277V
130147-0026 MOLEX11-130147-0026 Datasheet
42Kb / 1P
   Watertite Extra Hard Outdoor Plug With Locking Blade
130147-0027 MOLEX11-130147-0027 Datasheet
40Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire, NEMA L15-20, 3 250V
More results

Similar Description - 130147-0025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0078 MOLEX11-130147-0078 Datasheet
53Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0077 MOLEX11-130147-0077 Datasheet
41Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0081 MOLEX11-130147-0081 Datasheet
40Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0079 MOLEX11-130147-0079 Datasheet
41Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire
130147-0029 MOLEX11-130147-0029 Datasheet
41Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire,
130147-0083 MOLEX11-130147-0083 Datasheet
61Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/4 Wire,
130146-0078 MOLEX11-130146-0078 Datasheet
41Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/3 Wire
130147-0069 MOLEX11-130147-0069 Datasheet
40Kb / 1P
   Watertite Plug with Locking Blade, 3 Pole/3 Wire,
130147-0015 MOLEX11-130147-0015 Datasheet
41Kb / 1P
   Watertite Plug with Locking Blade, 4 Pole/4 Wire
130147-0071 MOLEX11-130147-0071 Datasheet
40Kb / 1P
   Watertite Plug with Locking Blade, 4 Pole/4 Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com