Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIO-2270QV-S5A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # MIO-2270QV-S5A1E
Description  AMD짰 G-Series SoC GX-415GA/ GX-210JA Pico-ITX SBC, DDR3, 18-bit LVDS, VGA or HDMI, 1GbE, Half-size Mini PCIe, 4 USB,2COM, SMBus,mSATA & MIOe
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIO-2270QV-S5A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  MIO-2270QV-S5A1E Datasheet HTML 1Page - Advantech Co., Ltd. MIO-2270QV-S5A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
MIO-2270
Packing List
Part No.
Description
Quantity
MIO-2270 SBC
1
Startup Manual
1
1700006291
SATA cable 30cm
1
1700019656
SATA power cable 5P-1.25/5P-2.0+SATA 5P 15 cm 1
1701200220
RS-232 x 2 ports 2.0mm pitch 22cm
1
1700022444-01
Audio cable 2.0 mm pitch 20 cm
(line-in & line-out)
1
1700002172
USB cable 2.0 mm pitch USB-A(F) 17 cm
1
1700019705
AT power cable 12 cm
1
9666226300E
Screw and stud pack (2 screw for Mini PCIe,
4 M3 studs and scresw for heatsink)
1
1960063062T001
CPU cooler for MIO-2270QV/QH
1
1960063455T011
CPU Heatsink for MIO-2270DV/DH
1
Rear I/O view
Ordering Information
Part Number
CPU
L2
Cache Memory
LVDS
VGA HDMI Audio RS-232 RS-232/
422/485
USB
3.0
USB
2.0
mSATA SATA III
MIOe Mini
PCIe
Thermal
solution
Operating
Temp
MIO-2270QV-S5A1E
GX-415GA,
1.5 GHz, 15W
2MB
SO-DIMM 18-bit
Yes
-
Yes
1
1
2
2
Yes
1
Yes
Half-size
Active
0~60˚C
MIO-2270QH-S5A1E
GX-415GA,
1.5 GHz, 15W
2MB
SO-DIMM 18-bit
-
Yes
Yes
1
1
2
2
Yes
1
Yes
Half-size
Active
0~60˚C
MIO-2270DV-S0A1E
GX-210JA, 1.0
GHz, 6W
1MB
SO-DIMM 18-bit
Yes
-
Yes
1
1
2
2
Yes
1
Yes
Half-size
Passive
0~60˚C
GX-210JA with HDMI supported by request
Optional Accessories
Part No.
Description
1960065075N001
MIO-2270 Heat spreader (99.5x70.5x11.2 mm)
Embedded OS/API
Embedded OS/API
Part No.
Description
Win CE
2070013053
CE7.0 ENG
WES
2070012828
WES2009 X32 V4.5 MUI24
2070012881
WES7E X64 V5.6.7 EN/TC/SC/JP
Linux
Ubuntu 13.04
Software
SUSI V3.0
AMD
G-series SoC
GX-415GA/GX-210JA
Half-size Mini PCIe
DDR3/DDR3L SDRAM
204-pin SO-DIMM
Super I/O
PCIe x 1
RGB
USB2.0
Half-size mSATA
SATAIII 600MB/s
1 x SATAIII
VGA
RJ45
DDI Port 1
SMBus
2 PCIe x1
HD Auido Line-out
LPC
2 USB2.0
12Vsb/5Vsb
Reset
HDMI
SMBus
COM1: RS-232/422/485
COM2: RS-232
Watchdog Timer
Realtek GbE
RTL8111E-GR
DDI Port 0
DP/HDMI
18-bit LVDS
MIOe
SATAIII 600MB/s
2 x USB3.0
USB3.0/USB2.0
32Mbit BIOS
SPI
Realtek ALC888S
HD Audio
2 x USB2.0
8-bit GPIO
Line-in, Line-out
USB2.0
USB2.0
PCIe x1
MIO-2270QV-S5A1E
MIO-2270DV-S0A1E
MIO-2270QH-S5A1E
MIO-2270 w/ DC Jack (by request)


Similar Part No. - MIO-2270QV-S5A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-2260 ADVANTECH-MIO-2260 Datasheet
1Mb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-2260NF-S6A1E ADVANTECH-MIO-2260NF-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-2260NF-S6A1E ADVANTECH-MIO-2260NF-S6A1E Datasheet
865Kb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-2261 ADVANTECH-MIO-2261 Datasheet
1Mb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2261N-S6A1E ADVANTECH-MIO-2261N-S6A1E Datasheet
806Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
More results

Similar Description - MIO-2270QV-S5A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-2263 ADVANTECH-MIO-2263 Datasheet
1Mb / 2P
   Intel짰 Atom??SoC E3825/ J1900 Pico-ITX SBC,DDR3L, 24-bit LVDS, VGA or HDMI, 1 GbE,Half-size Mini PCIe, 4 USB, 2 COM, SMBus,mSATA & MIOe
MIO-2261 ADVANTECH-MIO-2261 Datasheet
1Mb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2261_1301 ADVANTECH-MIO-2261_1301 Datasheet
806Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2262Z-2GS6A1E ADVANTECH-MIO-2262Z-2GS6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Full-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2262 ADVANTECH-MIO-2262_15 Datasheet
924Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA,1 GbE, Full-size Mini PCIe, 4 USB,2 COM, SMBus, I2C, mSATA & MIOe
MIO-2261 ADVANTECH-MIO-2261_15 Datasheet
818Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3,18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe,4 USB, 2 COM, SMBus/I2C, mSATA & MIOe
MIO-2260NF-S6A1E ADVANTECH-MIO-2260NF-S6A1E Datasheet
865Kb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-2260 ADVANTECH-MIO-2260 Datasheet
1Mb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-3260 ADVANTECH-MIO-3260 Datasheet
887Kb / 2P
   Intel짰 Atom??E3825 & Celeron짰 N2930 Pico-ITX SBC, DDR3L, 18/24-bit LVDS, VGA,DP/HDMI, 1 GbE, Full-size Mini PCIe,4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-3260L-S8A1E ADVANTECH-MIO-3260L-S8A1E Datasheet
887Kb / 2P
   Intel짰 Atom??E3825 & Celeron짰 N2930 Pico-ITX SBC, DDR3L, 18/24-bit LVDS, VGA, DP/HDMI, 1 GbE, Full-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com