Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30621M8-5B3GP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M30621M8-5B3GP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30621M8-5B3GP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M30621M8-5B3GP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30621M8-5B3GP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30621M8-5B3GP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30621M8-5B3GP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30621M8-5B3GP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M30621M8-5B3GP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M30621M8-5B3GP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M30621M8-5B3GP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M30621M8-5B3GP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 230 page
background image
Memory
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
10
Operation of Functional Blocks
The M16C/62(80-pin version) group accommodates certain units in a single chip. These units include ROM
and RAM to store instructions and data and the central processing unit (CPU) to execute arithmetic/logic
operations. Also included are peripheral units such as timers, serial I/O, D-A converter, DMAC, CRC calcu-
lation circuit, A-D converter, and I/O ports.
The following explains each unit.
Memory
Figure 1.4.1 is a memory map of the M16C/62 group. The address space extends the 1M bytes from
address 0000016 to FFFFF16. From FFFFF16 down is ROM. For example, in the M30623MC-XXXFP, there
is 128K bytes of internal ROM from E000016 to FFFFF16. The vector table for fixed interrupts such as the
_______
reset and NMI are mapped to FFFDC16 to FFFFF16. The starting address of the interrupt routine is stored
here. The address of the vector table for timer interrupts, etc., can be set as desired using the internal
register (INTB). See the section on interrupts for details.
From 0040016 up is RAM. For example, in the M30623MC-XXXFP, 5K bytes of internal RAM is mapped to
the space from 0040016 to 017FF16. In addition to storing data, the RAM also stores the stack used when
calling subroutines and when interrupts are generated.
The SFR area is mapped to 0000016 to 003FF16. This area accommodates the control registers for periph-
eral devices such as I/O ports, A-D converter, serial I/O, and timers, etc. Figures 1.7.1 to 1.7.3 are location
of peripheral unit control registers. Any part of the SFR area that is not occupied is reserved and cannot be
used for other purposes.
The special page vector table is mapped to FFE0016 to FFFDB16. If the starting addresses of subroutines
or the destination addresses of jumps are stored here, subroutine call instructions and jump instructions
can be used as 2-byte instructions, reducing the number of program steps.
Figure 1.4.1. Memory map
0000016
YYYYY16
FFFFF16
0040016
XXXXX16
Internal ROM area
SFR area
For details, see Figures
1.7.1 to 1.7.3
Internal RAM area
Reserved
area
FFE0016
FFFDC16
FFFFF16
Note: Set PM13 to “1” in M30625MG/FG. Otherwise set PM13 to “0”.
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer
Reset
Special page
vector table
DBC
NMI
Address
XXXXX16
Type No.
Address
YYYYY16
M30623M4
00FFF16
F800016
E800016
017FF16
M30623MA
E000016
017FF16
M30623MC
M30623M8
F000016
013FF16
F000016
02BFF16
M30621M8
E000016
02BFF16
M30621MC/EC
E800016
02BFF16
M30621MA
C000016
053FF16
M30625MG/FG


Similar Part No. - M30621M8-5B3GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30621M8-5B3GP MITSUBISHI-M30621M8-5B3GP Datasheet
2Mb / 237P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30621M8-5B3GP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com