Electronic Components Datasheet Search |
|
M30622MA-569FP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor |
|
M30622MA-569FP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor |
6 / 184 page Mitsubishi microcomputers M16C / 62T Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 6 Description Performance Outline Table 1.1.1 is a performance outline of M16C/62T group. Item Performance M30622(100-pin package) M30623(80-pin package) Number of basic instructions 91 instructions Shortest instruction execution time 62.5ns(f(XIN)=16MHZ, VCC=5V) Memory ROM 32Kbytes (M30623M4T-XXXGP) capacity 64Kbytes (M30622M8T/M8V-XXXFP, M30623M8T/M8V-XXXGP) 128Kbytes (M30622MCT/MCV-XXXFP, M30623MCT/MCV-XXXGP, M30622ECT/ECV-XXXFP, M30623ECT/ECV-XXXGP) RAM 3Kbytes (M30623M4T-XXXGP) 4Kbytes (M30622M8T/M8V-XXXFP, M30623M8T/M8V-XXXGP) 5Kbytes (M30622MCT/MCV-XXXFP, M30623MCT/MCV-XXXGP, M30622ECT/ECV-XXXFP, M30623ECT/ECV-XXXGP) I/O port P0, P2, P3, P5, P6, P10 8 bits x 6 P1 8 bits x 1 - P4, P7 8 bits x 2 4 bits x 2 P8 (except P85) 7 bits x 1 P9 8 bits x 1 7 bits x 1 Input port P85 1 bit x 1 Multifunction TA0, A3, TA4 16 bits x 3 (cycle timer, external / internal event count, pulse output) timer TA1, TA2 16 bits x 2 16 bits x 2 (cycle timer, external / internal event count, pulse output) (cycle timer, internal event count) TB0, TB2 to TB5 16 bits x 5 (cycle timer, external / internal event count, pulse period / pulse width measurement) TB1 16 bits x 1 (cycle timer, external / internal event 16 bits x 1 count, pulse period / pulse width measurement) (cycle timer, internal event count) Serial I/O UART0, UART1 (UART or clock synchronous) x 2 UART2 (UART or clock synchronous) x 1 UART x 1 SI/O3 (Clock synchronous) x 1 (Clock synchronous) x 1 (exclusive transmission) SI/O4 (Clock synchronous) x 1 A-D converter 10 bits x (8 x 3 + 2) channels D-A converter 8 bits x 2 channels DMAC 2 channels (trigger: 24 sources) CRC calculation circuit CRC-CCITT Watchdog timer 15 bits x 1 (with prescaler) Interrupt 25 internal and 8 external sources, 25 internal and 5 external sources, 4 software sources, 7 levels 4 software sources, 7 levels Clock generating circuit 2 built-in clock generation circuits (built-in feedback resistor, and external ceramic or quartz oscillator) Supply voltage Mask ROM version : 4.2 to 5.5V (f(XIN)=16MHZ, without software wait) One-time PROM version : 4.5 to 5.5V (f(XIN)=16MHZ, without software wait) Power consumption 140mW (VCC=5V, f(XIN) = 16MHZ) I/O I/O withstand voltage 5V characteristics Output current 5mA Memory expansion Available (to 1.2M bytes or 4M bytes) (The M16C/62T group is not guaranteed to operate in memory expansion.) Operating ambient temperature 85 °C guaranteed version : -40°C to 85°C, 125°C guaranteed version : -40°C to 125°C Device configuration CMOS high performance silicon gate Package 100-pin plastic mold QFP 80-pin plastic mold QFP Table 1.1.1. Performance outline of M16C/62T group |
Similar Part No. - M30622MA-569FP |
|
Similar Description - M30622MA-569FP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |