Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH7787PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFH7787PBF
Description  Brushed motor drive applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7787PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFH7787PBF_15 Datasheet HTML 1Page - International Rectifier IRFH7787PBF_15 Datasheet HTML 2Page - International Rectifier IRFH7787PBF_15 Datasheet HTML 3Page - International Rectifier IRFH7787PBF_15 Datasheet HTML 4Page - International Rectifier IRFH7787PBF_15 Datasheet HTML 5Page - International Rectifier IRFH7787PBF_15 Datasheet HTML 6Page - International Rectifier IRFH7787PBF_15 Datasheet HTML 7Page - International Rectifier IRFH7787PBF_15 Datasheet HTML 8Page - International Rectifier IRFH7787PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
IRFH7787PbF
2
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
February 19, 2015
Absolute Maximum Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
68
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
43
IDM
Pulsed Drain Current 
270
PD @TC = 25°C
Maximum Power Dissipation
83
W
Linear Derating Factor
0.67
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ
TSTG
Operating Junction and
Storage Temperature Range
-55 to + 150  
°C  
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
75
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
60
––– mV/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
6.6
8.0
m
 VGS = 10V, ID = 41A 
VGS(th)
Gate Threshold Voltage
2.1
–––
3.7
V
VDS = VGS, ID = 100µA
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
VDS =75 V, VGS = 0V
–––
–––
150
VDS =75V,VGS = 0V,TJ =125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
RG
Gate Resistance
–––
2.3
–––

–––
7.5
–––
VGS = 6.0V, ID = 21A 
Notes:

Repetitive rating; pulse width limited by max. junction temperature.
Limited by TJmax, starting TJ = 25°C, L = 120µH, RG = 50, IAS = 41A, VGS =10V.

ISD  41A, di/dt  1140A/µs, VDD  V(BR)DSS, TJ 175°C.

Pulse width
 400µs; duty cycle  2%.
Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS.
Ris measured at TJ approximately 90°C.
Limited by TJmax, starting TJ =25°C, L= 1mH, RG = 50, IAS = 17A, VGS =10V.
Avalanche Characteristics 
EAS (Thermally limited)
Single Pulse Avalanche Energy 
100
mJ
EAS (Thermally limited)
Single Pulse Avalanche Energy 
146
IAR
Avalanche Current 
See Fig 15, 16, 23a, 23b
A
EAR
Repetitive Avalanche Energy 
mJ
Thermal Resistance  
Symbol
Parameter
Typ.
Max.
Units
RJC (Bottom)
Junction-to-Case 
–––
1.5
RJC (Top)
Junction-to-Case 
–––
21
°C/W
RJA
Junction-to-Ambient
–––
34
 
RJA (<10s)
Junction-to-Ambient
–––
22
 


Similar Part No. - IRFH7787PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7004BF IRF-IRFH7004BF Datasheet
274Kb / 11P
   Brushed Motor drive applications
IRFH7004PBF IRF-IRFH7004PBF Datasheet
253Kb / 10P
   Brushed Motor drive applications
IRFH7004PBF IRF-IRFH7004PBF Datasheet
274Kb / 11P
   Brushed Motor drive applications
IRFH7004PBF IRF-IRFH7004PBF_15 Datasheet
274Kb / 11P
   Brushed Motor drive applications
IRFH7004TRPBF IRF-IRFH7004TRPBF Datasheet
253Kb / 10P
   Brushed Motor drive applications
More results

Similar Description - IRFH7787PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com