Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4218-HR Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT4218-HR
Description  Marktech Standard 5mm White Diff. & Water Clear LEDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT4218-HR Datasheet(HTML) 1 Page - Marktech Corporate

  MT4218-HR Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
354
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
Standar
Standar
Standar
Standar
Standarddddd T-1¾ LED Lamps
T-1¾ LED Lamps
T-1¾ LED Lamps
T-1¾ LED Lamps
T-1¾ LED Lamps
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
• Excellent on/off contrasts
• Choice of white diffused or water
clear lens
• Other colors/materials available
• Option of standoffs or hard leads
• Can be packaged on tape in a reel or
in a box
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
ANODE
PART NO.
FORWARD
CURRENT(I
F)
(mA)
REVERSE
VOLTAGE (V
R)
(V)
POWER
DISSIPATION (P
D)
(mW)
OPERATING
TEMPERATURE (T
opr)
(°C)
STORAGE
TEMPERATURE (T
stg)
(ºC)
MT1218-RG
30
5.0
85
-25~+85
-25~+100
MT2218-G
30
5.0
85
-25~+85
-25~+100
MT3218-Y
30
5.0
85
-25~+85
-25~+100
MT4218-HR
30
5.0
85
-25~+85
-25~+100
MT1318-RG
30
5.0
85
-25~+85
-25~+100
MT2318-G
30
5.0
85
-25~+85
-25~+100
MT3318-Y
30
5.0
85
-25~+85
-25~+100
MT4318-HR
30
5.0
85
-25~+85
-25~+100
PART NO.
MATERIAL
LENS
COLOR
VIEWING
ANGLE
typ.
LUMINOUS INTENSITY
(mcd)
FORWARD VOLTAGE
(V)
REVERSE
CURRENT
PEAK WAVE
LENGTH
min.
typ.
@mA
typ.
max.
@mA
µA
Vr
nm
MT1218-RG
GaP
White Diff
44°
1.4
3.6
20
2.1
3.0
20
100
5
700
MT2218-G
GaP
White Diff
44°
7.2
100
20
2.1
3.0
20
100
5
567
MT3218-Y
GaAsP/GaP
White Diff
44°
5.8
65
20
2.1
3.0
20
100
5
585
MT4218-HR
GaAsP/GaP
White Diff
44°
8.2
75
20
2.1
3.0
20
100
5
635
MT1318-RG
GaP
Water Clear
22°
5.0
12.4
20
2.1
3.0
20
100
5
700
MT2318-G
GaP
Water Clear
22°
24.2
330
20
2.1
3.0
20
100
5
567
MT3318-Y
GaAsP/GaP
Water Clear
22°
19.8
210
20
2.1
3.0
20
100
5
585
MT4318-HR
GaAsP/GaP
Water Clear
22°
28.0
250
20
2.1
3.0
20
100
5
635


Similar Part No. - MT4218-HR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT4233-O MARKTECH-MT4233-O Datasheet
38Kb / 1P
   Marktech Standard 10mm LEDs
logo
Austin Semiconductor
MT42C4256 AUSTIN-MT42C4256 Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
MT42C4256C-10/883C AUSTIN-MT42C4256C-10/883C Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
MT42C4256C-10/IT AUSTIN-MT42C4256C-10/IT Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
MT42C4256C-10/XT AUSTIN-MT42C4256C-10/XT Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
More results

Similar Description - MT4218-HR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1103-RG MARKTECH-MT1103-RG Datasheet
38Kb / 1P
   Marktech Standard 5mm Tinted & Colored Diff. LEDs
logo
IDEA.lnc.
JRC4251 IDEA-JRC4251 Datasheet
24Kb / 1P
   Blue & White LEDs, Water Clear LED
logo
Marktech Corporate
MT305-SLG MARKTECH-MT305-SLG Datasheet
33Kb / 2P
   Marktech Low Current 5mm LEDs
MT1133-RG MARKTECH-MT1133-RG Datasheet
38Kb / 1P
   Marktech Standard 10mm LEDs
MT4093-HR MARKTECH-MT4093-HR Datasheet
33Kb / 1P
   Marktech Low Current 5mm LEDs
MTE2050-OH1 MARKTECH-MTE2050-OH1 Datasheet
56Kb / 2P
   5mm Water Clear IR Emitter
logo
IDEA.lnc.
JRC4381 IDEA-JRC4381 Datasheet
24Kb / 1P
   Small View Angle, Blue & White LEDs, Water Clear LED
logo
Marktech Corporate
MT2118-GSB MARKTECH-MT2118-GSB Datasheet
32Kb / 1P
   Marktech Standard 5mm w/Standoffs
MTE8080F MARKTECH-MTE8080F Datasheet
78Kb / 2P
   5mm Water Clear Truncated IR Emitter
logo
Unity Opto Technology
MVL-514G UOT-MVL-514G Datasheet
41Kb / 3P
   Standard water clear plastic lens
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com