Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH7911PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFH7911PBF
Description  Control and synchronous FET in one package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7911PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFH7911PBF Datasheet HTML 1Page - International Rectifier IRFH7911PBF Datasheet HTML 2Page - International Rectifier IRFH7911PBF Datasheet HTML 3Page - International Rectifier IRFH7911PBF Datasheet HTML 4Page - International Rectifier IRFH7911PBF Datasheet HTML 5Page - International Rectifier IRFH7911PBF Datasheet HTML 6Page - International Rectifier IRFH7911PBF Datasheet HTML 7Page - International Rectifier IRFH7911PBF Datasheet HTML 8Page - International Rectifier IRFH7911PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
May 9, 2014
IRFH7911PbF
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Q1 - Control FET
Q2 - Synchronous FET
Typical Characteristics
Fig 3. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 5. Typical Transfer Characteristics
Fig 6. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
≤60μs PULSE WIDTH
Tj = 150°C
2.3V
2
3
4
5
6
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 15V
≤60μs PULSE WIDTH
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
≤60μs PULSE WIDTH
Tj = 25°C
2.3V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
≤60μs PULSE WIDTH
Tj = 150°C
2.3V
1
2
3
4
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 15V
≤60μs PULSE WIDTH
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
≤60μs PULSE WIDTH
Tj = 25°C
2.3V


Similar Part No. - IRFH7911PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7911PBF IRF-IRFH7911PBF Datasheet
325Kb / 10P
   Control and synchronous FET in one package
More results

Similar Description - IRFH7911PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7911PBF IRF-IRFH7911PBF Datasheet
325Kb / 10P
   Control and synchronous FET in one package
IRFH4253DPBF IRF-IRFH4253DPBF_15 Datasheet
594Kb / 13P
   Control and synchronous MOSFETs in one package
IRFH4257DPBF IRF-IRFH4257DPBF_15 Datasheet
861Kb / 12P
   Control and synchronous MOSFETs in one package
IRFH4251DPBF IRF-IRFH4251DPBF_15 Datasheet
557Kb / 13P
   Control and synchronous MOSFETs in one package
OM3901SC IRF-OM3901SC_15 Datasheet
36Kb / 4P
   Positive And Negative Regulators In One Package
IRF7413ZPBF IRF-IRF7413ZPBF Datasheet
266Kb / 10P
   Control FET for Notebool Processor Power, Control and Synchronous Rectifier
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
   Ballast control and half-bridge driver in one IC
logo
Crydom Inc.,
UPD2415D CRYDOM-UPD2415D Datasheet
645Kb / 4P
   SIP SSR 2 Relays in one package with independent control input
logo
Toshiba Semiconductor
SSM5H06FE TOSHIBA-SSM5H06FE Datasheet
163Kb / 8P
   Combined Nch MOSFET and Schottky Diode in one Package.
logo
International Rectifier
IRS2580DSPBF IRF-IRS2580DSPBF_15 Datasheet
32Kb / 1P
   PFC, ballast control and half-bridge driver in one IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com