Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH7914PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFH7914PBF
Description  Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7914PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFH7914PBF Datasheet HTML 1Page - International Rectifier IRFH7914PBF Datasheet HTML 2Page - International Rectifier IRFH7914PBF Datasheet HTML 3Page - International Rectifier IRFH7914PBF Datasheet HTML 4Page - International Rectifier IRFH7914PBF Datasheet HTML 5Page - International Rectifier IRFH7914PBF Datasheet HTML 6Page - International Rectifier IRFH7914PBF Datasheet HTML 7Page - International Rectifier IRFH7914PBF Datasheet HTML 8Page - International Rectifier IRFH7914PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRFH7914PbF
www.irf.com © 2013 International Rectifier
August 16, 2013
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current vs.
Ambient Temperature
Fig 10. Threshold Voltage vs. Temperature
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
ID = 25µA
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + T A
Ri (°C/W)
τi (sec)
2.0021
0.000245
6.0077
0.014521
15.5002
0.7719
16.4970
38.3
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci=
τi/Ri
Ci=
τi/Ri
τ
A
τ
A
τ
4
τ
4
R
4
R
4
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
2
4
6
8
10
12
14
16


Similar Part No. - IRFH7914PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7914PBF IRF-IRFH7914PBF Datasheet
254Kb / 9P
   HEXFET Power MOSFET
IRFH7914PBF IRF-IRFH7914PBF Datasheet
304Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
More results

Similar Description - IRFH7914PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8721TRPBF IRF-IRF8721TRPBF Datasheet
235Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRFH7934PBF IRF-IRFH7934PBF_15 Datasheet
265Kb / 10P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRFH7914TRPBF IRF-IRFH7914TRPBF Datasheet
304Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF8707GTRPBF IRF-IRF8707GTRPBF Datasheet
252Kb / 9P
   Control MOSFET of Sync-Buck  Converters used for Notebook  Processor Power
IRF8714GTRPBF IRF-IRF8714GTRPBF Datasheet
254Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF8714PBF-1 IRF-IRF8714PBF-1_15 Datasheet
225Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF7413ZPBF IRF-IRF7413ZPBF_15 Datasheet
289Kb / 10P
   Control FET for Notebook Processor Power
IRF7807ZPBF IRF-IRF7807ZPBF_15 Datasheet
220Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZGPBF IRF-IRF7413ZGPBF Datasheet
292Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZTRPBF IRF-IRF7413ZTRPBF Datasheet
272Kb / 10P
   Control FET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com