Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH8325PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFH8325PBF
Description  Compatible with Existing Surface Mount Techniques
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH8325PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFH8325PBF_15 Datasheet HTML 1Page - International Rectifier IRFH8325PBF_15 Datasheet HTML 2Page - International Rectifier IRFH8325PBF_15 Datasheet HTML 3Page - International Rectifier IRFH8325PBF_15 Datasheet HTML 4Page - International Rectifier IRFH8325PBF_15 Datasheet HTML 5Page - International Rectifier IRFH8325PBF_15 Datasheet HTML 6Page - International Rectifier IRFH8325PBF_15 Datasheet HTML 7Page - International Rectifier IRFH8325PBF_15 Datasheet HTML 8Page - International Rectifier IRFH8325PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
December 16, 2013
IRFH8325PbF
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case
f
–––
2.3
RθJC (Top)
Junction-to-Case
f
–––
34
°C/W
RθJA
Junction-to-Ambient
g
–––
35
RθJA (<10s)
Junction-to-Ambient
g
–––
22
D
S
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.021
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
4.1
5.0
–––
6.0
7.2
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-6.0
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
74
–––
–––
S
Qg
Total Gate Charge
–––
32
–––
nC
Qg
Total Gate Charge
–––
15
–––
Qgs1
Pre-Vth Gate-to-Source Charge
–––
4.4
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.5
–––
Qgd
Gate-to-Drain Charge
–––
4.2
–––
Qgodr
Gate Charge Overdrive
–––
4.9
–––
Qsw
Switch Charge (Qgs2 + Qgd)
–––
5.7
–––
Qoss
Output Charge
–––
11
–––
nC
RG
Gate Resistance
–––
1.1
–––
Ω
td(on)
Turn-On Delay Time
–––
12
–––
tr
Rise Time
–––
16
–––
td(off)
Turn-Off Delay Time
–––
14
–––
tf
Fall Time
–––
7.1
–––
Ciss
Input Capacitance
–––
2487
–––
Coss
Output Capacitance
–––
503
–––
Crss
Reverse Transfer Capacitance
–––
204
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
16
24
ns
Qrr
Reverse Recovery Charge
–––
25
38
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
MOSFET symbol
nA
ns
A
pF
nC
VDS = 15V
–––
VGS = 20V
VGS = -20V
–––
–––
100
–––
–––
25
i
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1.0mA
VGS = 10V, ID = 20A e
Conditions
Max.
94
20
ƒ = 1.0MHz
TJ = 25°C, IF = 20A, VDD = 15V
di/dt = 380A/μs
TJ = 25°C, IS = 20A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Typ.
–––
RG=1.8
Ω
VDS = 10V, ID = 20A
ID = 20A
ID = 20A
VGS = 0V
VDS = 10V
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V
VDS = VGS, ID = 50μA
μA
VGS = 4.5V, ID = 16A e
VGS = 4.5V
VDS = 24V, VGS = 0V, TJ = 125°C
m
Ω
VDS = 24V, VGS = 0V
VGS = 10V, VDS = 15V, ID = 20A


Similar Part No. - IRFH8325PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH8325PBF IRF-IRFH8325PBF Datasheet
245Kb / 9P
   HEXFETPower MOSFET
More results

Similar Description - IRFH8325PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com