Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBR941 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PBR941
Description  UHF wideband transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBR941 Datasheet(HTML) 4 Page - NXP Semiconductors

  PBR941_15 Datasheet HTML 1Page - NXP Semiconductors PBR941_15 Datasheet HTML 2Page - NXP Semiconductors PBR941_15 Datasheet HTML 3Page - NXP Semiconductors PBR941_15 Datasheet HTML 4Page - NXP Semiconductors PBR941_15 Datasheet HTML 5Page - NXP Semiconductors PBR941_15 Datasheet HTML 6Page - NXP Semiconductors PBR941_15 Datasheet HTML 7Page - NXP Semiconductors PBR941_15 Datasheet HTML 8Page - NXP Semiconductors PBR941_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1998 Aug 10
4
Philips Semiconductors
Product specification
UHF wideband transistor
PBR941
CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
Note
1. GUM is the maximum unilateral power gain, assuming s12 is zero.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC characteristics
V(BR)CBO
collector-base breakdown voltage
IC = 100 µA; IE =0
20
−−
V
V(BR)CEO
collector-emitter breakdown voltage IC = 100 µA; IB =0
10
−−
V
V(BR)EBO
emitter-base breakdown voltage
IE =10 µA; IC = 0
1.5
−−
V
ICBO
collector-base leakage current
VCB =10V; IE =0
−−
100
nA
IEBO
emitter-base leakage current
VEB =1V; IC =0
−−
100
nA
hFE
DC current gain
IC = 5 mA; VCE = 6 V
50
100
200
IC = 15 mA; VCE =6V
100
AC characteristics
Cre
feedback capacitance
IC = 0; VCB = 6 V; f = 1 MHz
0.3
pF
fT
transition frequency
IC = 15 mA; VCE = 6 V; f = 1 GHz
8
GHz
GUM
maximum unilateral power gain;
note 1
IC = 15 mA; VCE =6V;
Tamb =25 °C; f = 1 GHz
15
dB
IC = 15 mA; VCE =6V;
Tamb =25 °C; f = 2 GHz
9.5
dB
F
noise figure
Γ
S = Γopt; IC = 5 mA; VCE =6V;
f = 1 GHz
1.4
dB
Γ
S = Γopt; IC = 5 mA; VCE =6V;
f = 2 GHz
2
dB
G
UM
10
S
21
2
1S
11
2
() 1S
22
2
()
-------------------------------------------------------------- dB
log
=


Similar Part No. - PBR941_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
PBR941 JMNIC-PBR941_15 Datasheet
121Kb / 16P
   UHF wideband transistor
More results

Similar Description - PBR941_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRF957 PHILIPS-PRF957 Datasheet
109Kb / 16P
   UHF wideband transistor
1999 Jul 23
logo
Quanzhou Jinmei Electro...
PBR941B JMNIC-PBR941B_15 Datasheet
160Kb / 13P
   UHF wideband transistor
PRF949 JMNIC-PRF949_15 Datasheet
117Kb / 16P
   UHF wideband transistor
logo
NXP Semiconductors
PBR941 PHILIPS-PBR941 Datasheet
144Kb / 16P
   UHF wideband transistor
1998 Aug 10
PRF949 PHILIPS-PRF949 Datasheet
81Kb / 7P
   UHF wideband transistor
1999 Oct 29
logo
Quanzhou Jinmei Electro...
PBR941 JMNIC-PBR941_15 Datasheet
121Kb / 16P
   UHF wideband transistor
PBR951 JMNIC-PBR951_15 Datasheet
148Kb / 16P
   UHF wideband transistor
logo
NXP Semiconductors
PBR951-215 NXP-PBR951-215 Datasheet
121Kb / 16P
   UHF wideband transistor
1998 Aug 10
PBR941B_N PHILIPS-PBR941B_N_15 Datasheet
160Kb / 13P
   UHF wideband transistor
2001 Jan 18
PBR951 PHILIPS-PBR951 Datasheet
144Kb / 16P
   UHF wideband transistor
1998 Aug 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com