Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE5CK1002 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE5CK1002
Description  Functional from DC to 3 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5CK1002 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE5CK1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE5CK1002 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
TECHNICAL DATA SHEET
PE5CK1002
PE5CK1002 REV 1.0
Description
Minimum
Typical
Maximum
Units
Frequency Range
MHz
Impedance
Ohm
Phase, DC - 1000 MHz
Nominal
Degrees
Phase, 1001 - 3000 MHz
Nominal
Degrees
Item
Units
Housing
Connector
Connector Screw Thread
Inch
Dimensions
Inch [mm]
Net Weight
g
Description
PE5SC1005 F Type Male Short Specifications
Electrical Specifications
DC - 3000
75
Mechanical Specifications
Copper Tube
75 Ohm F Type Male
W3/8"-32 UNEF
0.63 [16] ø, 1.626 [41.3] L
47
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F General Purpose Calibration Kit Including Short Circuit, Open Circuit, Load and
Thru Components Operating From DC to 3 GHz PE5CK1002
75 Ohm F General Purpose Calibration
Kit Including Short Circuit, Open Circuit, Load and
Thru Components Operating From DC to 3 GHz


Similar Part No. - PE5CK1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5CK1000 PASTERNACK-PE5CK1000 Datasheet
1Mb / 20P
   Standard kit includes
PE5CK1001 PASTERNACK-PE5CK1001 Datasheet
1Mb / 17P
   Standard kit includes
More results

Similar Description - PE5CK1002

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
   IF frequency range from DC to 3 GHz
AMGP-6551 AVAGO-AMGP-6551 Datasheet
639Kb / 8P
   IF frequency range from DC to 3 GHz
logo
Pasternack Enterprises,...
PE3CA1051 PASTERNACK-PE3CA1051 Datasheet
385Kb / 4P
   Operate from DC to 6 GHz
PE3CA1054 PASTERNACK-PE3CA1054 Datasheet
387Kb / 4P
   Operate from DC to 6 GHz
PE3CA1055 PASTERNACK-PE3CA1055 Datasheet
385Kb / 4P
   Operate from DC to 6 GHz
PE3CA1052 PASTERNACK-PE3CA1052 Datasheet
387Kb / 4P
   Operate from DC to 6 GHz
PE3CA1053 PASTERNACK-PE3CA1053 Datasheet
389Kb / 4P
   Operate from DC to 6 GHz
PE3CA1056 PASTERNACK-PE3CA1056 Datasheet
391Kb / 4P
   Operate from DC to 6 GHz
PE3CA1058 PASTERNACK-PE3CA1058 Datasheet
386Kb / 4P
   Operate from DC to 6 GHz
logo
CRYSTEK CORPORATION
CATTEN-09R0-BNC CRYSTEKMICROWAVE-CATTEN-09R0-BNC Datasheet
403Kb / 2P
   Attenuator frequency range is from DC to 1 GHz.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com