Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4032SPN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBSS4032SPN
Description  30 V NPN/PNP low VCEsat (BISS) transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4032SPN Datasheet(HTML) 3 Page - NXP Semiconductors

  PBSS4032SPN_15 Datasheet HTML 1Page - NXP Semiconductors PBSS4032SPN_15 Datasheet HTML 2Page - NXP Semiconductors PBSS4032SPN_15 Datasheet HTML 3Page - NXP Semiconductors PBSS4032SPN_15 Datasheet HTML 4Page - NXP Semiconductors PBSS4032SPN_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4032SPN_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4032SPN_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4032SPN_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4032SPN_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PBSS4032SPN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 14 October 2010
3 of 20
NXP Semiconductors
PBSS4032SPN
30 V NPN/PNP low VCEsat (BISS) transistor
5.
Limiting values
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
TR1 (NPN)
IC
collector current
-
5.7
A
TR2 (PNP)
IC
collector current
-
−4.8
A
Per transistor; for the PNP transistor with negative polarity
VCBO
collector-base voltage
open emitter
-
30
V
VCEO
collector-emitter voltage
open base
-
30
V
VEBO
emitter-base voltage
open collector
-
5
V
ICM
peak collector current
single pulse; tp
≤ 1ms
-
10
A
IB
base current
-
1
A
Ptot
total power dissipation
Tamb
≤ 25 °C
[1] -0.73
W
[2] -1
W
[3] -1.7
W
Per device
Ptot
total power dissipation
Tamb
≤ 25 °C
[1] -0.86
W
[2] -1.4
W
[3] -2.3
W
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C


Similar Part No. - PBSS4032SPN_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4032SPN NXP-PBSS4032SPN Datasheet
220Kb / 20P
   30 V NPN/PNP low VCEsat (BISS) transistor
Rev. 1-14 July 2010
logo
Nexperia B.V. All right...
PBSS4032SPN NEXPERIA-PBSS4032SPN Datasheet
1Mb / 20P
   30 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 14 October 2010
More results

Similar Description - PBSS4032SPN_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4032SPN NXP-PBSS4032SPN Datasheet
220Kb / 20P
   30 V NPN/PNP low VCEsat (BISS) transistor
Rev. 1-14 July 2010
logo
Nexperia B.V. All right...
PBSS4032SPN NEXPERIA-PBSS4032SPN Datasheet
1Mb / 20P
   30 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 14 October 2010
PBSS4230PANP NEXPERIA-PBSS4230PANP Datasheet
854Kb / 21P
   30 V, 2 A NPN/PNP low VCEsat (BISS) transistor
14 December 2012
PBSS4130PANP NEXPERIA-PBSS4130PANP Datasheet
853Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4130PANP PHILIPS-PBSS4130PANP_15 Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
PBSS4130PANP NXP-PBSS4130PANP Datasheet
345Kb / 21P
   30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
PBSS4230PANP NXP-PBSS4230PANP Datasheet
346Kb / 21P
   30 V, 2 A NPN/PNP low VCEsat (BISS) transistor
14 December 2012
logo
Nexperia B.V. All right...
PBSS4041SPN NEXPERIA-PBSS4041SPN Datasheet
1Mb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 20 October 2010
PBSS4021SPN NEXPERIA-PBSS4021SPN Datasheet
874Kb / 20P
   20 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 13 October 2010
logo
NXP Semiconductors
PBSS4021SPN PHILIPS-PBSS4021SPN Datasheet
223Kb / 20P
   20 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2-13 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com